Electronic Components Datasheet Search
  English  ▼

X  

RFFM6204 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6204
Description  2.0V to 4.0V, 2.4GHz Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6204 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6204 Datasheet HTML 1Page - RF Micro Devices RFFM6204 Datasheet HTML 2Page - RF Micro Devices RFFM6204 Datasheet HTML 3Page - RF Micro Devices RFFM6204 Datasheet HTML 4Page - RF Micro Devices RFFM6204 Datasheet HTML 5Page - RF Micro Devices RFFM6204 Datasheet HTML 6Page - RF Micro Devices RFFM6204 Datasheet HTML 7Page - RF Micro Devices RFFM6204 Datasheet HTML 8Page - RF Micro Devices RFFM6204 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140808
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 9
RFFM6204
Parameter
Specification
Unit
Condition
Min
Typ
Max
Logic
Logic Level "High"
1.6
1.8
VBAT
V
Logic Level "Low"
0.0
0.2
V
C_TX Input source current at Logic
"High"
100
800
uA
C_RX Input source current at Logic
"High"
100
800
uA
C_BYP Input source current at Logic
"High"
0.1
uA
C_EN Input source current at Logic
"High"
2
uA
Input source current Logic Level
"Low", All Logic pins
0.001
µA
Switch Control Logic Table
Mode
C_EN
C_TX
C_RX
C_BYP
TX Mode
High
High
Low
Low
RX Mode
High
Low
High
Low
Bypass Mode
High
Low
Low
High
Power Down
Low
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com