Electronic Components Datasheet Search
  English  ▼

X  

RFFM6500SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6500SB
Description  2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6500SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6500SB Datasheet HTML 1Page - RF Micro Devices RFFM6500SB Datasheet HTML 2Page - RF Micro Devices RFFM6500SB Datasheet HTML 3Page - RF Micro Devices RFFM6500SB Datasheet HTML 4Page - RF Micro Devices RFFM6500SB Datasheet HTML 5Page - RF Micro Devices RFFM6500SB Datasheet HTML 6Page - RF Micro Devices RFFM6500SB Datasheet HTML 7Page - RF Micro Devices RFFM6500SB Datasheet HTML 8Page - RF Micro Devices RFFM6500SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision DS20150622
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6500
RFMD + TriQuint = Qorvo
2 of 9
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
5.25
VDC
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
-40 to +85
°C
Maximum Input Power to PA, pin 32 (no damage)
+5
dBm
Maximum Input Power to Antenna Port, pin 19
+10
dBm
Moisture Sensitivity Level
MSL3
Caution!
ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Overall
Active Frequency
168
169.5
171
MHz
RF Port Impedance
50
Ω
ESD, Human Body Model
500
V
RF Pins
ESD, Human Body Model
500
V
All Other Pins
ESD, Charge Device Model
500
V
RF Pins
ESD, Charge Device Model
500
V
All Other Pins
Leakage Current
VCC = 3.6V, CTL1 = 2.8V, CTL2 = 2.8V, VREG = 2.8V,
Temperature = 25°C
ICC
1
5
µA
Transmit Mode
VCC = 3.6V, CTL1 = CTL2 = VREG = 2.8V,
Temperature = 25°C
Power Supply Voltage
2.7
3.6
4.2
V
PA VCC
Input Power
0
5
dBm
Pin 32
Output Power
25
27
dBm
Over all rated voltage and temperature conditions
Thermal Resistance
26.28
C°/W
4V VCC, 100% Duty, 27dBm POUT, TREF = 85° C
Operating Current
325
400
mA
POUT = 27dBm, VCC = 3.6V, Temperature = 25°C
Large Signal Gain
27
30
dB
Power Control Range
1.4
2.0
V
POUT = +7dBm to +27dBm
2.0
2.8
V
POUT = +24.0dBm to +27.5dBm
Module PAE (Power Added Efficiency)
43
%
VCC = 3.6V, VREG = 2.8V, POUT = 27dBm (takes into account filter and
switches)
2nd Harmonic
-70
-67
dBc
3rd to 10th Harmonic
-85
-72
dBc
Input Return Loss
-10
dB
Measured at PA-IN Port at Pin 32



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com