Electronic Components Datasheet Search
  English  ▼

X  

RFFM6500SB Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM6500SB
Description  2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6500SB Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM6500SB Datasheet HTML 1Page - RF Micro Devices RFFM6500SB Datasheet HTML 2Page - RF Micro Devices RFFM6500SB Datasheet HTML 3Page - RF Micro Devices RFFM6500SB Datasheet HTML 4Page - RF Micro Devices RFFM6500SB Datasheet HTML 5Page - RF Micro Devices RFFM6500SB Datasheet HTML 6Page - RF Micro Devices RFFM6500SB Datasheet HTML 7Page - RF Micro Devices RFFM6500SB Datasheet HTML 8Page - RF Micro Devices RFFM6500SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision DS20150622
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6500
RFMD + TriQuint = Qorvo
9 of 9
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground
2
GND
Ground
3
GND
Ground
4
RX_OUT
Receive Output Signal Port
5
GND
Ground
6
CTL3
Control logic for Si Controller, tied permanently to ground
7
CTL2
Control logic for Si Controller
8
CTL1
Control Logic for Si Controller
9
GND
Ground
10
VCC
Module Supply Voltage
11
GND
Ground
12
GND
Ground
13
N/C
Not connected in FEM. May be grounded on PCB if desired.
14
GND
Ground
15
N/C
Not connected in FEM. May be grounded on PCB if desired.
16
GND
Ground
17
GND
Ground
18
GND
Ground
19
ANT
Antenna Output/Input
20
GND
Ground
21
GND
Ground
22
GND
Ground
23
FLT_IN
Input to Low Pass Filter
24
GND
Ground
25
PA_OUT
Power Amplifier Output Signal Port
26
GND
Ground
27
GND
Ground
28
GND
Ground
29
GND
Ground
30
GND
Ground
31
VREG
Analog input voltage for Power Amplifier power control
32
PA_IN
Power Amplifier Input Signal Port



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com