Electronic Components Datasheet Search
  English  ▼

X  

RFFM6901SB Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFFM6901SB
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901SB Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFFM6901SB Datasheet HTML 5Page - RF Micro Devices RFFM6901SB Datasheet HTML 6Page - RF Micro Devices RFFM6901SB Datasheet HTML 7Page - RF Micro Devices RFFM6901SB Datasheet HTML 8Page - RF Micro Devices RFFM6901SB Datasheet HTML 9Page - RF Micro Devices RFFM6901SB Datasheet HTML 10Page - RF Micro Devices RFFM6901SB Datasheet HTML 11Page - RF Micro Devices RFFM6901SB Datasheet HTML 12Page - RF Micro Devices RFFM6901SB Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Plots
27
28
29
30
31
32
33
34
35
36
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB)versus P
OUT (dBm)
PA V
CC and VCCDIG = 4V; LNA VCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 915MHz; Temp = 40°C, 25°C, and 85°C
40°C
25°C
85°C
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB) versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 902MHz, 915MHz, and 928MHz; Temp=25°C
902MHz
915MHz
928MHz
25
26
27
28
29
30
31
32
33
34
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB)versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNA VCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 915MHz; Temp = 40°C, 25°C, and 85°C
40°C
25°C
85°C
27
28
29
30
31
32
33
34
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB) versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 902MHz, 915MHz, and 928MHz; Temp = 25°C
902MH
915MH
928MH
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
860
870
880
890
900
910
920
930
940
Freq (MHz)
PA Gain (dB) versusFrequency (MHz)
PA V
CC and VCCDIG = 4V; LNA VCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 915MHz; P
OUT = 30dBm
40°C
25°C
85°C
27
28
29
30
31
32
33
34
860
870
880
890
900
910
920
930
940
P
OUT (dBm)
PA Gain(dB) versusFrequency (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 915MHz; P
OUT =27dBm
40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com