Electronic Components Datasheet Search
  English  ▼

X  

RFFM6901SB Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM6901SB
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901SB Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM6901SB Datasheet HTML 1Page - RF Micro Devices RFFM6901SB Datasheet HTML 2Page - RF Micro Devices RFFM6901SB Datasheet HTML 3Page - RF Micro Devices RFFM6901SB Datasheet HTML 4Page - RF Micro Devices RFFM6901SB Datasheet HTML 5Page - RF Micro Devices RFFM6901SB Datasheet HTML 6Page - RF Micro Devices RFFM6901SB Datasheet HTML 7Page - RF Micro Devices RFFM6901SB Datasheet HTML 8Page - RF Micro Devices RFFM6901SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
LNA Section (LNA-IN Pin 14 to RFIO Pin 2)
Input IP3 at LB
-1
1
dBm
LNA_VCC = 3.3V to 4.2V; LNA Bias = Low Bias
Input IP3 at LB
-5
dBm
LNA_VCC = 2.7V; LNA Bias = Low Bias
Power Supply Current
3
3
4
mA
LNA_VCC = 3.6V
Rx LNA Bypass Mode
TXRX_SEL Logic = HIGH, LNA_SEL Logic =
LOW, VCC_DIG and Logic
signals may be applied in any order.
Operating Voltage
2.7
4
4.2
V
LNA_VCC
Gain
-3
-2.5
-2
dB
Input Ip3
12
18
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
Power Supply Current
1
2
mA
LNA Leakage Current
0.5
5
µA
LNA_VCC = 4.2, PD_SEL = LOW
Antenna Switch Section
Insertion Loss TX-ANT1
0.8
1
dB
Insertion Loss TX-ANT2
0.8
1
dB
Insertion Loss ANT1-ASWRX
1
1.25
dB
Insertion Loss ANT2-ASWRX
1
1.25
dB
Isolation
20
dB
Tx Return Loss
10
15
dB
Operating Mode
CTL1
CTL2
CTL3
CTL4
CTL5
Tx to ANT1 LOW
10010
Tx to ANT2 LOW
00010
Rx from ANT1
11110
Rx from ANT2
01110
Rx from ANT1 LNA Bypass
11010
Rx from ANT2 LNA Bypass
01010
Tx ANT1 HI BIAS
10011
Tx ANT2 HI BIAS
00011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com