| Electronic Components Datasheet Search |
|
RFFM6907SB Datasheet(PDF) 3 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RFFM6907SB Datasheet(HTML) 3 Page - RF Micro Devices |
|
3 / 9 page ![]() Revision DS20150612 Disclaimer: Subject to change without notice © 2015 RF Micro Devices, Inc. www.rfmd.com / www.qorvo.com 3 of 9 RFFM6907 RFMD + TriQuint = Qorvo Parameter Specification Unit Condition Min Typ Max Antenna Switch Section Antenna Isolation 25 dB ANT1 to ANT2 (TX or RX mode) Switch Isolation 30 dB ANT1/2 - RX Select Control Logic = HIGH VCC -0.2 VCC V All five (5) logic I/Os Select Control Logic = LOW 0 0.2 V Select Control Logic High Current 40 120 µA Select Control Logic Low Current 0.4 µA All five (5) logic I/Os (sink current) Module Control Logic Table Operating Mode CTRL1 CTRL2 CTRL3 CTRL4 Enable TX-ANT1 0 1 0 0 1 TX-ANT2 1 0 0 0 1 RX-ANT1 0 0 0 1 0 RX-ANT2 0 0 1 0 0 Shutdown 0 0 0 0 0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |