Electronic Components Datasheet Search
  English  ▼

X  

RFFM6907SB Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM6907SB
Description  2.8V to 4.0V, 915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6907SB Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM6907SB Datasheet HTML 1Page - RF Micro Devices RFFM6907SB Datasheet HTML 2Page - RF Micro Devices RFFM6907SB Datasheet HTML 3Page - RF Micro Devices RFFM6907SB Datasheet HTML 4Page - RF Micro Devices RFFM6907SB Datasheet HTML 5Page - RF Micro Devices RFFM6907SB Datasheet HTML 6Page - RF Micro Devices RFFM6907SB Datasheet HTML 7Page - RF Micro Devices RFFM6907SB Datasheet HTML 8Page - RF Micro Devices RFFM6907SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision DS20150612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
9 of 9
RFFM6907
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground
2
GND
Ground
3
GND
Ground
4
GND
Ground
5
ANT2
Antenna 2 Input/Output
6
GND
Ground
7
ANT1
Antenna 1 Input/Output
8
GND
Ground
9
CTRL1
Control Input
10
VCC
Diversity Switch Supply Voltage
11
CTRL2
Control Input
12
CTRL3
Control Input
13
CTRL4
Control Input
14
GND
Ground
15
GND
Ground
16
RX
Receive Port Output
17
GND
Ground
18
TX
Transmit Port Input
19
GND
Ground
20
GND
Ground
21
GND
Ground
22
GND
Ground
23
VCC
Power Amplifier Supply Voltage
24
ENABLE
Power Amplifier Enable
25
GND
Ground
26
GND
Ground
27
GND
Ground
28
GND
Ground
29
GND
Center Ground Flag



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com