Electronic Components Datasheet Search
  English  ▼

X  

RFFM8202 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8202
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8202 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8202 Datasheet HTML 1Page - RF Micro Devices RFFM8202 Datasheet HTML 2Page - RF Micro Devices RFFM8202 Datasheet HTML 3Page - RF Micro Devices RFFM8202 Datasheet HTML 4Page - RF Micro Devices RFFM8202 Datasheet HTML 5Page - RF Micro Devices RFFM8202 Datasheet HTML 6Page - RF Micro Devices RFFM8202 Datasheet HTML 7Page - RF Micro Devices RFFM8202 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140710
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFFM8202
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
6
V
DC Supply Current
500
mA
Operating Temperature Range
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum TX Input Power into 50 W Load for 11b/g/n (No Damage)
+10
dBm
Maximum RX input power for both LNA_EN mode and bypass
mode (No damage)
+10
dBm
Moisture Sensitivity
MSL1
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Operating Range
2.412
2.484
GHz
Operating Temperature
-40
25
+85
ºC
Power Supply VCC
3.0
3.3
4.35
V
Recommended Operating Voltage Range
Extended VCC
4.8
V
Functional with derated performance
Control Voltage-High
2.8
3.1
VCC
V
PA_EN, C_RX, C_BT, LNA_EN.
Control Voltage-Low
0
0.2
V
Transmit (TX-ANT)
POUT = 19dBm; T = 25ºC; VCC = 3.3V; PA_EN = High,
C_RX = C_BT = Low; Freq = 2.412GHz to 2.484GHz, measured
with a standard IEEE802.11g waveform,
unless otherwise noted
Dynamic EVM - Nominal
2.5
3
%
POUT = 19dBm; T = 25ºC; VCC = 3.3V
-32
-30.5
dB
Dynamic EVM
2.5
3
%
POUT = 16.5dBm, T = -40°C to +85°C, VCC = 3.0V to 4.8V
-32
-30.5
dB
Output power meeting Spectral
Mask
21
22
dBm
11 Mbps CCK, +/- 11MHz offset from carrier
TX Port Return Loss
8
10
dB
T = -40°C to +85°C, VCC = 3.0V to 4.8V
ANT Port Return Loss
10
12
dB
Nominal Gain
23
25
28
dB
T = 25ºC, VCC = 3.3V
Gain
20.5
25
29
dB
T = -40°C to +85°C, VCC = 3.0V to 4.8V
Gain Flatness - 20 MHz Channel
-0.5
0.5
dB
Gain Flatness - 40 MHz Channel
-0.75
0.75
dB
Gain Flatness - 100 MHz Band
-1
1
dB
Out of Band Rejection
4
7
dBc
2110MHz to 2170MHz, T = 25ºC, VCC = 3.3V, frequency = 2.412GHz
Nominal Operating Current
200
240
mA
POUT = 19dBm; T = 25ºC; VCC = 3.3V
Operating Current
200
230
mA
POUT = 16.5dBm; T = -40°C to +85°C, VCC = 3.0V to 4.8V
Quiescent Current
135
200
mA
T = -40°C to +85°C, VCC = 3.0V to 4.8V
PA_EN Current
30
50
µA
Leakage Current
1
10
µA
VCC = 4.8V, RF OFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com