Electronic Components Datasheet Search
  English  ▼

X  

RFFM8202 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8202
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8202 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8202 Datasheet HTML 1Page - RF Micro Devices RFFM8202 Datasheet HTML 2Page - RF Micro Devices RFFM8202 Datasheet HTML 3Page - RF Micro Devices RFFM8202 Datasheet HTML 4Page - RF Micro Devices RFFM8202 Datasheet HTML 5Page - RF Micro Devices RFFM8202 Datasheet HTML 6Page - RF Micro Devices RFFM8202 Datasheet HTML 7Page - RF Micro Devices RFFM8202 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140710
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
RFFM8202
2.4GHz to 2.5GHz 802.11b/g/n WiFi
Front End Module
The RFFM8202 provides a complete integrated solution in a single front
end module (FEM) for WiFi 802.11b/g/n and Bluetooth® systems. The
ultra small form factor and integrated matching greatly reduces the
number of external components and layout area in the customer
application. This simplifies the total front end solution by reducing the bill
of materials, system footprint, and manufacturability cost. The
RFFM8202 integrates a 2.4GHz to 2.5GHz power amplifier (PA), low
noise amplifier (LNA) with bypass mode, power detector coupler for
improved accuracy, SP3T switch, and some filtering for harmonic
rejection. The device is provided in 2.5mm x 2.5mm x 0.45mm 16-pin
QFN package. This module meets or exceeds the RF front end needs of
IEEE 802.11b/g/n WiFi RF systems.
VCC
BT
NC
3
1
LNA_EN
VCC
NC
12
2
13
11
10
9
8
7
6
5
4
14
15
16
VCC
PDET
Functional Block Diagram
Ordering Information
RFFM8202SB
Standard 5 piece sample bag
RFFM8202SQ
Standard 25 piece sample bag
RFFM8202SR
Standard 100 piece reel
RFFM8202TR7
Standard 2500 piece reel
RFFM8202PCK-410
Fully assembled eval board w/5-piece sample bag
Package: QFN, 16-pin,
2.5mm x 2.5mm x 0.45
Features
■ P
OUT = 19dBm 11g OFDM 2.5%
EVM
■ P
OUT = 21dBm Meeting 11b Spec
Mask
■ Voltage Range 3.0V to 4.8V
■ Input and Output Matched to
50
Ω; High Level of Integration
■ Supports Wide Voltage Supply
Range
Applications
■ Cellular Handsets
■ Mobile Devices
■ Tablets
■ Consumer Electronics
■ Gaming
■ Netbooks/Notebooks
■ TV/Monitors/Video
■ Smart Energy
RFFM8202


Similar Part No. - RFFM8202

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200PCK-410 RFMD-RFFM8200PCK-410 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SB RFMD-RFFM8200SB Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SR RFMD-RFFM8200SR Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200TR7 RFMD-RFFM8200TR7 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RFFM8202

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com