Electronic Components Datasheet Search
  English  ▼

X  

RFFM8209 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM8209
Description  WiFi Front-End Module 2.4GHz to 2.5GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8209 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM8209 Datasheet HTML 2Page - RF Micro Devices RFFM8209 Datasheet HTML 3Page - RF Micro Devices RFFM8209 Datasheet HTML 4Page - RF Micro Devices RFFM8209 Datasheet HTML 5Page - RF Micro Devices RFFM8209 Datasheet HTML 6Page - RF Micro Devices RFFM8209 Datasheet HTML 7Page - RF Micro Devices RFFM8209 Datasheet HTML 8Page - RF Micro Devices RFFM8209 Datasheet HTML 9Page - RF Micro Devices RFFM8209 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140421
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 10
RFFM8209
Pin Names and Descriptions
Pin
Name
Description
1
RX
RF output port for the 802.11b/g/n LNA. Port is matched to 50
Ω. This pin is DC blocked internally.
2
GND
This pin is not connected internally and can be left floating or connected to ground.
3
PA_EN
Bias voltage for the PA. This is a high impedance pin and it also controls the TX switch of the SP3T. See
truth table for proper settings.
4
TX
RF input port for the 802.11b/g/n PA. Input is matched to 50
Ω. This pin is DC blocked internally.
5
VCC
Supply voltage for the first stage of the Pa. See applications schematic for biasing and bypassing
components.
6
VCC
Supply voltage for the output stage of the PA. See applications schematic for biasing and bypassing
components.
7
GND
This pin is not connected internally and can be left floating or connected to ground.
8
PDET
Power detector voltage for the TX path. May need external series R/Shunt C to adjust voltage level and to
filter RF noise.
9
ANT
RF bidirectional antenna port matched to 50Ω. An external DC block is required.
10
GND
This pin is not connected internally and can be left floating or connected to ground.
11
C_RX
Receive switch control pin. See switch truth table for proper level.
12
C_BT
Bluetooth® switch control pin. See switch truth table for proper level.
13
GND
This pin is not connected internally and can be left floating or connected to ground.
14
BT
RF bidirectional port for Bluetooth®. Input is matched to 50
Ω. An external DC block is required.
15
VCC
Supply voltage for the LNA. See applications schematic for biasing and bypassing components.
16
LNA_EN
Control voltage for the LNA. See applications schematic for biasing and bypassing components.
Pkg Base
GND
Ground connection. The backside of the package should be connected to the ground plane through a short
path, i.e., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com