Electronic Components Datasheet Search
  English  ▼

X  

RFFM8209 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8209
Description  WiFi Front-End Module 2.4GHz to 2.5GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8209 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8209 Datasheet HTML 1Page - RF Micro Devices RFFM8209 Datasheet HTML 2Page - RF Micro Devices RFFM8209 Datasheet HTML 3Page - RF Micro Devices RFFM8209 Datasheet HTML 4Page - RF Micro Devices RFFM8209 Datasheet HTML 5Page - RF Micro Devices RFFM8209 Datasheet HTML 6Page - RF Micro Devices RFFM8209 Datasheet HTML 7Page - RF Micro Devices RFFM8209 Datasheet HTML 8Page - RF Micro Devices RFFM8209 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140421
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFFM8209
WiFi Front-End Module
2.4GHz to 2.5GHz
The RFFM8209 provides a complete Front-End integrated solution in a
single module for WiFi 802.11g/n/ac and Bluetooth systems. The ultra-
small form factor and integrated matching greatly reduces the number of
external components and layout area in the customer application. This
simplifies the total front end solution by reducing the bill of materials,
system footprint, and manufacturing cost. The RFFM8209 integrates a
power amplifier (PA), a low noise amplifier (LNA) with bypass mode, a
power detector coupler for improved accuracy, and a Single Pole 3-
Throw (SP3T) switch. The device is provided in a 2.5mm x 2.5mm x
0.40mm 16-pin QFN package. This module meets or exceeds the RF
front end needs of IEEE802.11b/g/n/ac WiFi RF systems.
TX
PA_EN
GND
ANT
GND
RX
6
8
13
C_BT
7
12
14
15
16
1
2
3
4
5
11
10
9
C_RX
Functional Block Diagram
Ordering Information
RFFM8209SB
Standard 5-piece sample bag
RFFM8209SQ
Standard 25-piece sample bag
RFFM8209SR
Standard 100-piece reel
RFFM8209TR7
Standard 2500-piece reel
RFFM8209PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: QFN, 16-pin,
2.5mm x 2.5mm x 0.40mm
Features
■ Pout =18dBm 256QAM 20MHz at
1.8% (-35dB) Dynamic EVM,
VCC = 3.6V
■ P
OUT = 20dBm 64QAM 20MHz at
3.0% (-30.5dB) Dynamic EVM,
VCC = 3.6V
■ Gain = 26dB
■ Input and Output Matched to 50Ω
■ Supports Wide Voltage Supply
Range 3V to 5V
Applications
■ Cellular Handsets
■ Mobile Devices
■ Tablets
■ Consumer Electronics
■ Gaming
■ Netbooks/Notebooks
■ TV/Monitors/Video
RFFM8209


Similar Part No. - RFFM8209

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200PCK-410 RFMD-RFFM8200PCK-410 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SB RFMD-RFFM8200SB Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SR RFMD-RFFM8200SR Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200TR7 RFMD-RFFM8200TR7 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RFFM8209

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com