Electronic Components Datasheet Search
  English  ▼

X  

RFGA2054 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFGA2054
Description  InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2054 Datasheet(HTML) 2 Page - RF Micro Devices

  RFGA2054 Datasheet HTML 1Page - RF Micro Devices RFGA2054 Datasheet HTML 2Page - RF Micro Devices RFGA2054 Datasheet HTML 3Page - RF Micro Devices RFGA2054 Datasheet HTML 4Page - RF Micro Devices RFGA2054 Datasheet HTML 5Page - RF Micro Devices RFGA2054 Datasheet HTML 6Page - RF Micro Devices RFGA2054 Datasheet HTML 7Page - RF Micro Devices RFGA2054 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RFGA2054
DS111213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)6.0
V
Device Current (ICC)
130
mA
CW Input Power, 50
 Output VSWR
15
dBm
CW Input Power, 10:1 Output VSWR
10
dBm
Operating Junction Temperature (TJ)150
°C
Operating Temperature Range (TL)-40 to +85
°C
Storage Temperature
-55 to +150
°C
ESD Rating - Human Body Model
1C (1000V)
Moisture Sensitivity Level
MSL-2
NOTES: 1. The maximum rating must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT.
3. TJ = TL + PDISS * RTH.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Linear Operation
Typical performance at 25°C using the standard sample
EVB with R2 = open. This design is for linear operation
only.
Input Power (PIN)
3.0
dBm
Max recommended continuous input power,
VCC < 5.0V, Load VSWR < 2:1; R2 = open
Gain
20.3
dB
850MHz
17.3
18.8
20.3
dB
2140MHz
18.4
dB
2650MHz
OIP3
33.5
dBm
850MHz (0dBm/Tone, 1MHz spacing)
28
30.5
dBm
2140MHz (0dBm/Tone, 1MHz spacing)
29.0
dBm
2650MHz (0dBm/Tone, 1MHz spacing)
P1dB
20.3
dBm
850MHz
18.5
20.0
dBm
2140MHz
19.5
dBm
2650MHz
Input Return Loss
13
dB
2140MHz
Output Return Loss
13.5
dB
Isolation
23
dB
Noise Figure
3.6
dB
Operating Current (Quiescent)
68
78
mA
At VCC = 5.0V
Operating Voltage (VCC)
5.0
5.25
V
Max recommended voltage for continuous operation
Thermal Resistance (RTH)
135
°C/W
At quiescent current, no RF, VCC = 5.0V
Saturated Operation
Typical performance at 25°C using the input pull-down
resistor (R2 = 5.1 K
) to lower quiescent current. See
schematic following the "saturated operation plots".
Input Power (PIN)
10
dBm
Max. recommended continuous input power
VCC < 5.0V, Load VSWR < 2:1, R2 = 5.1 K
Saturated Output Power
20
dBm
850MHz
20.5
dBm
2140MHz
20.7
dBm
2650MHz
Operating Current
90
mA
Max recommended current for continuous operation
Operating Voltage
5.0
5.25
V
Max recommended voltage for continuous operation
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com