Electronic Components Datasheet Search
  English  ▼

X  

RFGA2054 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFGA2054
Description  InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2054 Datasheet(HTML) 7 Page - RF Micro Devices

  RFGA2054 Datasheet HTML 1Page - RF Micro Devices RFGA2054 Datasheet HTML 2Page - RF Micro Devices RFGA2054 Datasheet HTML 3Page - RF Micro Devices RFGA2054 Datasheet HTML 4Page - RF Micro Devices RFGA2054 Datasheet HTML 5Page - RF Micro Devices RFGA2054 Datasheet HTML 6Page - RF Micro Devices RFGA2054 Datasheet HTML 7Page - RF Micro Devices RFGA2054 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RFGA2054
DS111213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance under Saturated Operation, R2 = 5.1 K
Evaluation Board Schematic for Saturated Operation
























   








,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (850MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&
























  









,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (2140MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&
























  













,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (2650MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&
























  













,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (85°C)
3287 0+]
3287 0+]
3287 0+]
,&& 0+]
,&& 0+]
,&& 0+]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com