Electronic Components Datasheet Search
  English  ▼

X  

ZTX751 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTX751
Description  60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX751 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTX751 Datasheet HTML 1Page - Diodes Incorporated ZTX751 Datasheet HTML 2Page - Diodes Incorporated ZTX751 Datasheet HTML 3Page - Diodes Incorporated ZTX751 Datasheet HTML 4Page - Diodes Incorporated ZTX751 Datasheet HTML 5Page - Diodes Incorporated ZTX751 Datasheet HTML 6Page - Diodes Incorporated ZTX751 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZTX751
Document number: DS36459 Rev. 3 - 2
1 of 7
www.diodes.com
July 2013
© Diodes Incorporated
ZTX751
A Product Line of
Diodes Incorporated
60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
Features
BVCEO > -60V
IC = -2A High Continuous Collector Current
ICM = -6A Peak Pulse Current
TJ up to +200°C for High Temperature Operation
Low Saturation Voltage < -0.3V @ -1A
PD = 1W Power dissipation
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: E-Line (TO-92 Compatible)
Case Material: molded plastic, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.159 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Case
Leads
Quantity
ZTX751
AEC-Q101
ZTX751
E-Line
Straight
4,000 loose in a Box
ZTX751STZ
AEC-Q101
ZTX751
E-Line
Joggled
2,000 taped per Ammo Box
ZTX751QSTZ
Automotive
ZTX751
E-Line
Joggled
2,000 taped per Ammo Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Flat Face View
Device Symbol
Pin-Out Configuration
ZTX751 = Product type Marking Code
E-Line
(TO-92 Compatible)
ZTX
751
Rounded Face View
Rounded Face View
Ejection Mark
on Flat Face
Bottom View
B
C
E
B
C
E
B
C
E
Part Mark on
Rounded Face
C
E
B


Similar Part No. - ZTX751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX751 ZETEX-ZTX751 Datasheet
61Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX751 DIODES-ZTX751 Datasheet
139Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 2005
logo
Inchange Semiconductor ...
ZTX751 ISC-ZTX751 Datasheet
292Kb / 3P
Silicon PNP Power Transistor
2023-9-20
More results

Similar Description - ZTX751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851A ZETEX-ZX5T851A Datasheet
105Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZXTN2010A ZETEX-ZXTN2010A Datasheet
110Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZXTP2012A ZETEX-ZXTP2012A Datasheet
114Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Diodes Incorporated
ZX5T851A DIODES-ZX5T851A Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
ZXTN2010A DIODES-ZXTN2010A Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZTX796A DIODES-ZTX796A_15 Datasheet
1,023Kb / 7P
200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN E-LINE
Rev 3
ZTX651 DIODES-ZTX651_15 Datasheet
345Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
ZX5T851A DIODES-ZX5T851A_15 Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
ZXTN2010A DIODES-ZXTN2010A_15 Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZXTP2012A DIODES-ZXTP2012A_15 Datasheet
130Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com