Electronic Components Datasheet Search
  English  ▼

X  

RFPA0802 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA0802
Description  Integrated Power Amplifier 700MHz to 950MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0802 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA0802 Datasheet HTML 1Page - RF Micro Devices RFPA0802 Datasheet HTML 2Page - RF Micro Devices RFPA0802 Datasheet HTML 3Page - RF Micro Devices RFPA0802 Datasheet HTML 4Page - RF Micro Devices RFPA0802 Datasheet HTML 5Page - RF Micro Devices RFPA0802 Datasheet HTML 6Page - RF Micro Devices RFPA0802 Datasheet HTML 7Page - RF Micro Devices RFPA0802 Datasheet HTML 8Page - RF Micro Devices RFPA0802 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 13
RFPA0802
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage in Standby Mode
6.0
V
Supply Voltage in Idle Mode
6.0
V
Supply Voltage in Operating Mode
6.0
V
Supply Voltage, VBATT
6.0
V
Control Voltage, VEN, VMODE0, VMODE1
3.5
V
RF
– Input Power (CW, VCC = 3.3V, 50Ω Load)
+10
dBm
RF
– Output Power (CW, 50Ω Load)
+30
dBm
Output Load VSWR (LTE DL 7.5dB CFR, VCC = 4.5V,
PFORWARD <24dBm)
8:1
ESD Rating, All Pins, HBM, JESD22-A114
2000
V
ESD Rating, All Pins, CDM, JESD22-C101
1000
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-30
+25
+85
°C
Operating Junction Temperature
125
°C
VBATT
+3
+3.3
+4.5
V
VCC
1
+0.5
+3.3
+4.5
V
Note: VCC down to 0.5V may be used for backed-off power when using DC-DC converter to conserve battery current
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Operating Frequency
700
950
MHz
VEN, Low Level
0
0.5
V
PA Disabled
VEN, High Level
1.5
1.8
3
V
PA Enabled
VMODE0, VMODE1, Low Level
0
0.5
V
For logic “low”
VMODE0, VMODE1, High Level
1.5
1.8
3
V
For logic “high”
Maximum Linear Output POUT
1, 2
24
dBm
High power mode (HPM); VCC = 3.3V
Thermal Resistance
37
°C/W
To backside of evaluation board
Notes:
1.
For operation at VBATT = 3.0V, de-rate POUT by 2.0dB
2.
POUT is specified for 20MHz LTE downlink with CFR 7.5dB, -50dBc ACPR using digital or analog predistortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com