Electronic Components Datasheet Search
  English  ▼

X  

RFPA0802 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA0802
Description  Integrated Power Amplifier 700MHz to 950MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0802 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA0802 Datasheet HTML 1Page - RF Micro Devices RFPA0802 Datasheet HTML 2Page - RF Micro Devices RFPA0802 Datasheet HTML 3Page - RF Micro Devices RFPA0802 Datasheet HTML 4Page - RF Micro Devices RFPA0802 Datasheet HTML 5Page - RF Micro Devices RFPA0802 Datasheet HTML 6Page - RF Micro Devices RFPA0802 Datasheet HTML 7Page - RF Micro Devices RFPA0802 Datasheet HTML 8Page - RF Micro Devices RFPA0802 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 13
RFPA0802
RFPA0802
Integrated Power Amplifier
700MHz to 950MHz
The RFPA0802 has over 28dB of small signal gain over 700MHz
to 950MHz. When used with DPD at 3.3V, the RFPA0802 can
deliver 24dBm LTE Downlink (CFR 7.5dB) with ACPR <-50dBc.
Two digital control pins select high, medium or low power modes if
desired to optimize performance and current drain at different
power levels. The RFPA0802 has an integrated directional
coupler, integrated biasing circuitry, and integrated matching to
50
Ω. No external DC blocking is required as the RF pins are at
DC ground.
VEN
VMODE1/GND
VMODE0
RF IN
VBAT
VCC
RF OUT
CPL IN
GND
CPL OUT
1
2
3
4
5
6
10
9
8
7
Bias,
mode &
enable
controls
Functional Block Diagram
Ordering Information
RFPA0802SQ
Sample bag with 25 pieces
RFPA0802SR
7" Reel with 100 pieces
RFPA0802TR7
7" Reel with 2500 pieces
RFPA0802PCK-410
700MHz to 950MHz PCBA with 5-piece sample
bag
Package: MCM, 10-pin,
2.0mm x 2.5mm x 0.9mm
Features
■
POUT = 24dBm, 26% PAE, with
3.3V, 20MHz LTE DL, CFR 7.5dB
■
ACP <-50dBc with DPD
■
28dB Gain over 700MHz to
950MHz
■
Instantaneous P3dB = 32dBm at
3.3V
■
Designed to Support Flexible VCC
0.5V to 4.5V for PAE Optimization
■
Envelope Tracking Compatible
■
Integrated Power Coupler
■
Integrated 50
Ω Matching
■
Integrated Biasing
■
No External DC Block Needed
■
3 Power Mode Operation
■
GPIO Interface
■
Ultra Small and Low Profile
Applications
■
Power Amplifier, Power Amplifier
Driver
■
Small Cell Base Stations
■
Wideband Instrumentation
■
Customer Premise Equipment
■
Data Cards
RFPA0802


Similar Part No. - RFPA0802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133 Datasheet
718Kb / 8P
3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
718Kb / 8P
3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
668Kb / 9P
5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-410 QORVO-RFPA0133PCK-410 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
More results

Similar Description - RFPA0802

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
logo
Renesas Technology Corp
F1420 RENESAS-F1420 Datasheet
2Mb / 20P
RF Amplifier 700MHz to 1.1GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com