Electronic Components Datasheet Search
  English  ▼

X  

RFPA1802 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA1802
Description  Integrated Power Amplifier 1600MHz to 2000MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1802 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA1802 Datasheet HTML 1Page - RF Micro Devices RFPA1802 Datasheet HTML 2Page - RF Micro Devices RFPA1802 Datasheet HTML 3Page - RF Micro Devices RFPA1802 Datasheet HTML 4Page - RF Micro Devices RFPA1802 Datasheet HTML 5Page - RF Micro Devices RFPA1802 Datasheet HTML 6Page - RF Micro Devices RFPA1802 Datasheet HTML 7Page - RF Micro Devices RFPA1802 Datasheet HTML 8Page - RF Micro Devices RFPA1802 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150602
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 10
RFPA1802
Mode Control Table
Mode of Operation
VEN
VMODE0
VMODE1
VCC
Power Down
Low
Low
Low
X
Standby Mode
Low
X
X
On
High Power Mode (HPM)
High
Low
Low
On
Medium Power Mode (MPM)
High
High
Low
On
Low Power Mode (LPM)
High
High
High
On
Typical Application Schematic 1600MHz to 2000MHz Application Circuit
CPL_OUT
VMODE0
RF_IN
RF_OUT
VBAT
VEN
VCC
10nF
4.7µF
22µF
U1
VMODE1
1nF
CPL_IN
1
2
3
4
5
6
10
9
8
7
Bias,
mode &
enable
controls
4.7µF
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com