Electronic Components Datasheet Search
  English  ▼

X  

RFPA1802 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA1802
Description  Integrated Power Amplifier 1600MHz to 2000MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1802 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA1802 Datasheet HTML 1Page - RF Micro Devices RFPA1802 Datasheet HTML 2Page - RF Micro Devices RFPA1802 Datasheet HTML 3Page - RF Micro Devices RFPA1802 Datasheet HTML 4Page - RF Micro Devices RFPA1802 Datasheet HTML 5Page - RF Micro Devices RFPA1802 Datasheet HTML 6Page - RF Micro Devices RFPA1802 Datasheet HTML 7Page - RF Micro Devices RFPA1802 Datasheet HTML 8Page - RF Micro Devices RFPA1802 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150602
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFPA1802
RFPA1802
Integrated Power Amplifier
1600MHz to 2000MHz
The RFPA1802 has over 28dB of small signal gain over 1600MHz
to 2000MHz. When used with DPD at 3.3V, the RFPA1802 can
deliver 24dBm LTE Downlink (CFR 7.5dB) with ACPR <-50dBc.
Two digital control pins select high, medium or low power modes if
desired to optimize performance and current drain at different
power levels. The RFPA1802 has an integrated directional
coupler, integrated biasing circuitry, and integrated matching to
50
Ω. No external DC blocking is required as the RF pins are at
DC ground.
VEN
VMODE1/GND
VMODE0
RF IN
VBAT
VCC
RF OUT
CPL IN
GND
CPL OUT
1
2
3
4
5
6
10
9
8
7
Bias,
mode &
enable
controls
Functional Block Diagram
Ordering Information
RFPA1802SQ
Sample bag with 25 pieces
RFPA1802SR
7" Reel with 100 pieces
RFPA1802TR7
7" Reel with 2500 pieces
RFPA1802PCK-410
1600MHz to 2000MHz PCBA with 5-piece sample
bag
Package: MCM, 10-pin,
2.0mm x 2.5mm x 0.9mm
Features
■
POUT = 24dBm, 25% PAE, with
3.3V, 20MHz LTE DL, CFR 7.5dB
■
ACP <-50dBc with DPD
■
28dB Gain over 1600MHz to
2000MHz
■
Instantaneous P3dB = 32dBm at
3.3V
■
Designed to Support Flexible VCC
0.5V to 4.5V for PAE Optimization
■
Envelope Tracking Compatible
■
Integrated Power Coupler
■
Integrated 50
Ω Matching
■
Integrated Biasing
■
No External DC Block Needed
■
3 Power Mode Operation
■
GPIO Interface
■
Ultra Small and Low Profile
Applications
■
Power Amplifier, Power Amplifier
Driver
■
Small Cell Base Stations
■
Wideband Instrumentation
■
Customer Premise Equipment
■
Data Cards
RFPA1802


Similar Part No. - RFPA1802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-411 RFMD-RFPA1012PCK-411 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-412 RFMD-RFPA1012PCK-412 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SQ RFMD-RFPA1012SQ Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SR RFMD-RFPA1012SR Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
More results

Similar Description - RFPA1802

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1920-47L STEALTH_MICROWAVE-SM1920-47L Datasheet
127Kb / 2P
1900-2000MHz 50 Watt Linear Power Amplifier
SM1920-47LQ STEALTH_MICROWAVE-SM1920-47LQ Datasheet
154Kb / 2P
1900-2000MHz 50 Watt Linear Power Amplifier FOR PCS APPLICATIONS
logo
American Accurate Compo...
JXWBVCO-S-120-200 AAC-JXWBVCO-S-120-200 Datasheet
59Kb / 1P
Voltage Controlled Oscillators 120 to 2000MHz
logo
RF Micro Devices
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
Integrated Power Amplifier 700MHz to 950MHz
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPD3020 RFMD-RFPD3020 Datasheet
251Kb / 3P
45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
A-Data Technology
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
High speed up to 1600MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
High speed up to 1600MHz
logo
Maxim Integrated Produc...
MAX9993EVKIT MAXIM-MAX9993EVKIT Datasheet
251Kb / 7P
1400MHz to 2000MHz LO Frequency
Rev 0; 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com