Electronic Components Datasheet Search
  English  ▼

X  

RFPA2002PCK-410 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2002PCK-410
Description  Integrated Power Amplifier 1750MHz to 2200MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2002PCK-410 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2002PCK-410 Datasheet HTML 1Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 2Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 3Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 4Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 5Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 6Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 7Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 8Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 12
RFPA2002
RFPA2002
Integrated Power Amplifier
1750MHz to 2200MHz
The RFPA2002 has over 28dB of small signal gain over 1750MHz
to 2200MHz. When used with DPD at 3.3V, the RFPA2002 can
deliver 24dBm LTE Downlink (CFR 7.5dB) with ACPR <-50dBc.
Two digital control pins select high, medium or low power modes if
desired to optimize performance and current drain at different
power levels. The RFPA2002 has an integrated directional
coupler, integrated biasing circuitry, and integrated matching to
50
Ω. No external DC blocking is required as the RF pins are at
DC ground.
VEN
VMODE1/GND
VMODE0
RF IN
VBAT
VCC
RF OUT
CPL IN
GND
CPL OUT
1
2
3
4
5
6
10
9
8
7
Bias,
mode &
enable
controls
Functional Block Diagram
Ordering Information
RFPA2002SQ
Sample bag with 25 pieces
RFPA2002SR
7" Reel with 100 pieces
RFPA2002TR7
7" Reel with 2500 pieces
RFPA2002PCK-410
700MHz to 950MHz PCBA with 5-piece sample
bag
Package: MCM, 10-pin,
2.0mm x 2.5mm x 0.9mm
Features
■
POUT = 24dBm, 25% PAE, with
3.3V, 20MHz LTE DL, CFR 7.5dB
■
ACP <-50dBc with DPD
■
28dB Gain over 1750MHz to
2200MHz
■
Instantaneous P3dB = 32dBm at
3.3V
■
Designed to Support Flexible VCC
0.5V to 4.5V for PAE Optimization
■
Envelope Tracking Compatible
■
Integrated Power Coupler
■
Integrated 50
Ω Matching
■
Integrated Biasing
■
No External DC Block Needed
■
3 Power Mode Operation
■
GPIO Interface
■
Ultra Small and Low Profile
Applications
■
Power Amplifier, Power Amplifier
Driver
■
Small Cell Base Stations
■
Wideband Instrumentation
■
Customer Premise Equipment
■
Data Cards
RFPA2002


Similar Part No. - RFPA2002PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2005 RFMD-RFPA2005 Datasheet
793Kb / 9P
Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005PCK-410 RFMD-RFPA2005PCK-410 Datasheet
793Kb / 9P
Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005SQ RFMD-RFPA2005SQ Datasheet
793Kb / 9P
Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005SR RFMD-RFPA2005SR Datasheet
793Kb / 9P
Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005TR13 RFMD-RFPA2005TR13 Datasheet
793Kb / 9P
Integrated Power Amplifier Module 1805MHz to 2170MHz
More results

Similar Description - RFPA2002PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2059 MAXIM-MAX2059 Datasheet
789Kb / 14P
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
logo
RF Micro Devices
RF2460 RFMD-RF2460_06 Datasheet
618Kb / 24P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
logo
Stealth Microwave, Inc.
SM2122-44L STEALTH_MICROWAVE-SM2122-44L Datasheet
174Kb / 3P
2100-2200MHz 25 Watt Linear Power Amplifier
logo
Maxim Integrated Produc...
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
logo
Renesas Technology Corp
F0111 RENESAS-F0111 Datasheet
1Mb / 21P
Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz
Jan 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com