Electronic Components Datasheet Search
  English  ▼

X  

RFPA2002PCK-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA2002PCK-410
Description  Integrated Power Amplifier 1750MHz to 2200MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2002PCK-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA2002PCK-410 Datasheet HTML 1Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 2Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 3Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 4Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 5Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 6Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 7Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 8Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 12
RFPA2002
Parameter
Specification
Unit
Condition
Min
Typ
Max
Band 1 (4) Downlink
Electrical Specifications
Unless Otherwise Specified: Temp = 25°C, VBATT = +3.3V,
VEN = +1.8V, Freq = 2150MHz, 50Ω, 20MHz
LTE DL with 7.5dB CFR
Gain
23.5
26.5
29.5
dB
High Power Mode (HPM), POUT = 24dBm, VCC = 3.3V
20
22.5
26
dB
Medium Power Mode (MPM), POUT = 14dBm, VCC = 1.4V
12
15.3
18
dB
Low Power Mode (LPM), POUT = 3dBm, VCC = 0.8V
ACLR 1
-32
dBc
HPM, POUT = 24dBm, VCC = 3.3V, without DPD
-50
dBc
HPM, POUT = 24dBm, VCC = 3.3V, with DPD
ACLR 2
-45
dBc
HPM, POUT = 24dBm, VCC = 3.3V, without DPD
-54
dBc
HPM, POUT = 24dBm, VCC = 3.3V, with DPD
PA Efficiency (PAE)
23
%
HPM, POUT = 24dBm, VCC = 3.3V
PA Current Drain
329
mA
HPM, POUT = 24dBm, VCC = 3.3V
Noise Figure
3.5
dB
Input Impedance
1.4:1
2:1
VSWR
No external matching, POUT ≤ 24dBm, all modes
IM3
-15
dBm
Two tones passed 600kHz, HPM, Total POUT ≤ 24dBm, VCC = 3.3V
IM5
-20
dBm
Two tones passed 600kHz, HPM, Total POUT ≤ 24dBm, VCC = 3.3V
Harmonics 2f0
-8
dBm
CW POUT ≤ 24dBm, all power modes
Harmonics 3f0
-26
dBm
CW POUT ≤ 24dBm, all power modes
Enable Current
0.1
mA
Sources or sink current, VEN = 1.8V
Mode Current
0.1
mA
Source or sink current, VMODE0, VMODE1 = 1.8V
DC Enable Time
10
µs
DC only; Time from VEN = high to stable idle current (90% of steady state
value)
RF Rise/Fall Time
10
µs
POUT ≤ 24dBm, all modes, 90% of target, DC settled prior to RF
Coupling Factor
16
19
22
dB
POUT ≤ 24dBm, all modes
Coupling Accuracy
– Temp /
Voltage
-0.5
0.5
dB
POUT ≤ 24dBm, all modes 30°C ≤ T ≤ 85°C , VCC as required, referenced to
25°C, 3.3V conditions
Coupling Accuracy
– VSWR
-0.8
0.8
dB
POUT ≤ 24dBm, all modes, load VSWR = 2.5:1
Output Load VSWR Stability
(Spurious Emissions)
-60
dBc
POUT ≤ 24dBm, all conditions, load VSWR = 8:1, all phase angles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com