Electronic Components Datasheet Search
  English  ▼

X  

RFPA2089 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RFPA2089
Description  InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2089 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RFPA2089 Datasheet HTML 8Page - RF Micro Devices RFPA2089 Datasheet HTML 9Page - RF Micro Devices RFPA2089 Datasheet HTML 10Page - RF Micro Devices RFPA2089 Datasheet HTML 11Page - RF Micro Devices RFPA2089 Datasheet HTML 12Page - RF Micro Devices RFPA2089 Datasheet HTML 13Page - RF Micro Devices RFPA2089 Datasheet HTML 14Page - RF Micro Devices RFPA2089 Datasheet HTML 15Page - RF Micro Devices RFPA2089 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15 of 16
RFPA2089
DS130211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Evaluation Board Assembly Drawing
2.58GHz to 2.69GHz Application Circuit
Pin Names and Descriptions
Pin
Name
Description
1RF IN
RF Input. External DC Block is Required.
2GND
DC and RF Ground
3RF OUT/VCC
RF Output, Device Collector
4GND
DC and RF Ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com