Electronic Components Datasheet Search
  English  ▼

X  

RFPA5208 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5208
Description  WiFi Power Amplifier 2.4GHz to 2.5GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5208 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5208 Datasheet HTML 1Page - RF Micro Devices RFPA5208 Datasheet HTML 2Page - RF Micro Devices RFPA5208 Datasheet HTML 3Page - RF Micro Devices RFPA5208 Datasheet HTML 4Page - RF Micro Devices RFPA5208 Datasheet HTML 5Page - RF Micro Devices RFPA5208 Datasheet HTML 6Page - RF Micro Devices RFPA5208 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140324
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 7
RFPA5208
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
-0.5 to +6.0
VDC
PA Enable Voltage
-0.5 to 5
VDC
DC Supply Current
1000
mA
Operating Temperature
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
I
nput RF Power into 50Ω Load for 11b/g/n/ac (No Damage)
+5
dBm
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11a, 802.11n, 802.11ac
Operating Frequency
2.412
2.484
GHz
Extended Frequency
2.4
2.5
GHz
Functional with reduced performance
Power Supply (VCC)
4.75
5
5.25
V
Control Voltage (High)
2.9
3
3.1
V
PA_EN
Control Voltage (Low)
0
0.20
V
High Power Mode
VCC = 5V; PA_EN = 3V; Temp =
25˚C;
Freq=2412-2484MHz; unless otherwise noted
PSAT
35
dBm
CW signal.
Linear Output Power
11n 20MHz
26
28
dBm
11n 40MHz
25
27
11ac 20MHz
26
With input shunt capacitor
11ac 40MHz
25
Dynamic EVM
11n 20MHz and 40MHz
-30
dB
MCS7
11ac 20MHz and 40MHz
-35
dB
MCS8, MCS9
Gain
40
dB
Gain Flatness Across the Band
-1.5
1.5
dB
Input Return Loss
10
15
dB
Output Return Loss
8
10
dB
20MHz 802.11n Operating Current
530
650
mA
POUT = +27dBm
20MHz 802.11n Operating Current
590
700
mA
POUT = +28dBm
Quiescent Current
225
mA
2
nd Harmonics
-30
-27
dBm/MHz
POUT = +28dBm
3
rd Harmonics
-45
-44
dBm/MHz
Margin to 802.11b Spectral Mask
2
dBc
POUT = +28dBm; 11Mbps; CCK signal
Margin to 802.11n Spectral Mask
2
dBc
POUT = +26dBm; HT20/HT40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com