Electronic Components Datasheet Search
  English  ▼

X  

RFPA5208 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA5208
Description  WiFi Power Amplifier 2.4GHz to 2.5GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5208 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA5208 Datasheet HTML 1Page - RF Micro Devices RFPA5208 Datasheet HTML 2Page - RF Micro Devices RFPA5208 Datasheet HTML 3Page - RF Micro Devices RFPA5208 Datasheet HTML 4Page - RF Micro Devices RFPA5208 Datasheet HTML 5Page - RF Micro Devices RFPA5208 Datasheet HTML 6Page - RF Micro Devices RFPA5208 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140324
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
RFPA5208
WiFi Power Amplifier
2.4GHz to 2.5GHz
The RFPA5208 is a three-stage power amplifier (PA) designed for
WiFi 802.11b/g/n/ac systems.
The integrated input and output
50
Ω match and integrated regulator minimizes layout area in the
customer’s
application,
reduces
the
bill
of
materials
and
manufacturability cost. Performance is focused on a balance of
efficiency and linear power that increases the range of connection.
The RFPA5208 integrates the Power Amplifier (PA), regulator and
a power detector coupler for improved accuracy. The device is
provided in a 4mm x 4mm x 1.05mm, 10-pin laminate package.
GND
GND
GND
PDET
VCC
1
3
4
5
6
7
8
9
10
2
RFIN
PA_EN
NC
GND
RFOUT
REGULATOR
OUTPUT
MATCH
INPUT
MATCH
Functional Block Diagram
Ordering Information
RFPA5208SB
Sample bag with 5 pieces
RFPA5208SQ
Sample bag with 25 pieces
RFPA5208SR
7" Reel with 100 pieces
RFPA5208TR7
7" Reel with 750 pieces
RFPA5208PCK-410
Assembled Evaluation Board plus 5 loose pcs
Package: Laminate, 10-pin,
4mm x 4mm x 1.05mm max
Features
■ P
OUT = +28dBm, 802.11n, 20MHz
MCS7 at -30dB Dynamic EVM
■ P
OUT = +26dBm, 802.11ac, 20MHz
MCS8 at -35dB Dynamic EVM
■ 40dB Typical Gain
■ High efficiency
■ Input and Output Matched to 50Ω
■ Integrated 2GHz PA, Regulator
and PDET
Applications
■ Wireless Access Points
■ Gateways
■ Routers
■ Microcells
■ Consumer Premise Equipment
RFPA5208


Similar Part No. - RFPA5208

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
RFPA5208PCK-410 QORVO-RFPA5208PCK-410 Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
RFPA5208SB QORVO-RFPA5208SB Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
RFPA5208SQ QORVO-RFPA5208SQ Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
RFPA5208SR QORVO-RFPA5208SR Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
More results

Similar Description - RFPA5208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com