Electronic Components Datasheet Search
  English  ▼

X  

RFSA2514 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFSA2514
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2514 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFSA2514 Datasheet HTML 5Page - RF Micro Devices RFSA2514 Datasheet HTML 6Page - RF Micro Devices RFSA2514 Datasheet HTML 7Page - RF Micro Devices RFSA2514 Datasheet HTML 8Page - RF Micro Devices RFSA2514 Datasheet HTML 9Page - RF Micro Devices RFSA2514 Datasheet HTML 10Page - RF Micro Devices RFSA2514 Datasheet HTML 11Page - RF Micro Devices RFSA2514 Datasheet HTML 12Page - RF Micro Devices RFSA2514 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12 of 13
RFSA2514
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Connect to Low Inductance Path to Ground
2VDD
Power Supply
3GND
Connect to Low Inductance Path to Ground
4RF1
RF port. External DC block required
5GND
Connect to Low Inductance Path to Ground
6GND
Connect to Low Inductance Path to Ground
7GND
Connect to Low Inductance Path to Ground
8GND
Connect to Low Inductance Path to Ground
9GND
Connect to Low Inductance Path to Ground
10
GND
Connect to Low Inductance Path to Ground
11
GND
Connect to Low Inductance Path to Ground
12
GND
Connect to Low Inductance Path to Ground
13
GND
Connect to Low Inductance Path to Ground
14
GND
Connect to Low Inductance Path to Ground
15
RF2
RF port. External DC block required.
16
GND
Connect to Low Inductance Path to Ground
17
GND
Connect to Low Inductance Path to Ground
18
GND
Connect to Low Inductance Path to Ground
19
NC
No internal connection. EVB can be ground or no connect
20
PUP
Power-up Programming pin
Low = max attenuation (15.5dB) at power-up
High = min attenuation (0dB) at power-up
21
CLK
Serial Clock
22
LE
Latch Enable
23
NC
No internal connection; EVB can be ground or no connect
24
DATA
Serial Data
EPAD
GND
DC and RF Ground; Must be soldered to EVB ground plane over a bed of vias for thermal and RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com