Electronic Components Datasheet Search
  English  ▼

X  

RFSA2514 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA2514
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2514 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA2514 Datasheet HTML 1Page - RF Micro Devices RFSA2514 Datasheet HTML 2Page - RF Micro Devices RFSA2514 Datasheet HTML 3Page - RF Micro Devices RFSA2514 Datasheet HTML 4Page - RF Micro Devices RFSA2514 Datasheet HTML 5Page - RF Micro Devices RFSA2514 Datasheet HTML 6Page - RF Micro Devices RFSA2514 Datasheet HTML 7Page - RF Micro Devices RFSA2514 Datasheet HTML 8Page - RF Micro Devices RFSA2514 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
RFSA2514
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency Range
50
4000
MHz
Insertion Loss
0.75
dB
50MHz, 0dB attenuation
0.86
dB
500MHz, 0dB attenuation
0.96
dB
850MHz, 0dB attenuation
1.32
dB
2100MHz, 0dB attenuation
1.51
dB
2700MHz, 0dB attenuation
2.27
dB
4000MHz, 0dB attenuation
Gain Control Range
15.5
dB
0.5dB step size
Step Accuracy
±(0.1 + 5.0% attenuation setting)
dB
Input IP3
40
dBm
50MHz to 100MHz
45
50
dBm
100MHz to 3000MHz, Min. 45dBm 8dB Bit
Input P0.5dB
19
dBm
50MHz to 100MHz, all states
21
dBm
150MHz to 2500MHz, all states
Input Return Loss
29
dB
50MHz to 2700MHz, all states
17
dB
2700MHz to 4000MHz, all states
Output Return Loss
24
dB
50MHz to 2700MHz, all states
15
dB
2700MHz to 4000MHz, all states
Control Interface
5-bit, Serial
bit
Serial interface
Settling Time
200
ns
tRISE, tFALL (10%/90% RF)
Switching Speed
200
ns
tON, tOFF (50% CTL to 10%/90% RF)
Supply Voltage (VDD)
2.8
3.0
3.3
V
Typical performance based on 3V operation.
Supply Current
5
mA
Control Voltage (VCTL)Low, VCTL = 0V to 0.8V
V
High, VCTL = 2.0V to VDD
V
Notes:
1. VDD = 3V, VCTL = 3V, T = 25°C
2. IIP3 measured with PIN = +12dBm/tone, 1MHz spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com