Electronic Components Datasheet Search
  English  ▼

X  

MA02107AF Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA02107AF
Description  3.4 V, 1.2 W RF Power Amplifier IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02107AF Datasheet(HTML) 1 Page - Tyco Electronics

  MA02107AF Datasheet HTML 1Page - Tyco Electronics MA02107AF Datasheet HTML 2Page - Tyco Electronics MA02107AF Datasheet HTML 3Page - Tyco Electronics MA02107AF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
1
Visit www.macom.com for additional data sheets and product information.
3.4 V, 1.2 W RF Power Amplifier IC
V 1.0
Features
§ Ideal for Pager Applications
§ +30.8 dBm Output Power
§ 30.8 dB Power Gain
§ Single Positive Supply
§ Class AB Bias
§ 50 Ohm Input Impedance
§ Single Capacitor Output Match
Description
The MA02107AF is a three stage power amplifier,
designed for paging applications to have an output
power of +30.8 dBm with an input power of 0 dBm.
This power amplifier operates
at +3.4 volts with
55%
typical
power
added
efficiency.
The
MA02107AF is mounted in a standard outline 16-pin
TSSOP plastic package.
The MA02107AF is fabricated using M/A-COM’s
self-aligned MSAG
®-Lite MESFET process for a low
single supply voltage, high power efficiency, and
excellent reliability.
Ordering Information
Part Number
Description
MA02107AF-R7
7 inch, 1000 piece reel
MA02107AF-R13
13 inch, 3000 piece reel
MA02107AF-SMB
Sample Test Board
Functional Schematic
VDD2
GND
GND
GND
RF OUT/VDD3
GND
GND
N/C
VDD1
N/C
GND
GND
RF IN
GND
GND
N/C
Pin Configuration
Pin
Function
Description
1
VDD1
First Stage Supply Voltage
2
N/C
Not Connected
3
GND
Ground
4
GND
Ground
5
RFIN
RF Input
6
GND
Ground
7
GND
Ground
8
N/C
Not Connected
9
N/C
Not Connected
10
GND
Ground
11
GND
Ground
12
RFOUT/VDD3
RF Output/Third Stage Supply
13
GND
Ground
14
GND
Ground
15
GND
Ground
16
VDD2
Second Stage Supply Voltage


Similar Part No. - MA02107AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02104AF MACOM-MA02104AF Datasheet
166Kb / 4P
3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
More results

Similar Description - MA02107AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
MAAPGM0057-DIE MACOM-MAAPGM0057-DIE Datasheet
336Kb / 6P
2.0-13.0 GHz 1.2 W Power Amplifier
logo
Hittite Microwave Corpo...
HMC388LP4 HITTITE-HMC388LP4_06 Datasheet
357Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.15 - 3.4 GHz
logo
M/A-COM Technology Solu...
MAAP-008924 MA-COM-MAAP-008924 Datasheet
177Kb / 4P
Amplifier, Power, 1.2 W
logo
NXP Semiconductors
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
logo
M/A-COM Technology Solu...
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
Amplifier, Power, 1.2 W
logo
Qorvo, Inc
QPA2511 QORVO-QPA2511 Datasheet
2Mb / 13P
100 W, 50 V, 1.2 ??1.4 GHz, GaN on SiC Power Amplifier
logo
STMicroelectronics
RF4L15400CB4 STMICROELECTRONICS-RF4L15400CB4 Datasheet
1Mb / 13P
400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
22-Sep-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com