Electronic Components Datasheet Search
  English  ▼

X  

MA02107AF Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA02107AF
Description  3.4 V, 1.2 W RF Power Amplifier IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02107AF Datasheet(HTML) 4 Page - Tyco Electronics

  MA02107AF Datasheet HTML 1Page - Tyco Electronics MA02107AF Datasheet HTML 2Page - Tyco Electronics MA02107AF Datasheet HTML 3Page - Tyco Electronics MA02107AF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
4
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF
V 1.0
Application Schematic
RF INPUT
+VDD (+3.4V)
RF OUTPUT
C1
C2
T1
L1
C5
C4
N/C
N/C
N/C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C3
List of components:
C1 = 0.1µF Kemet multilayer ceramic chip capacitor (C1206C104K5RAC)
C2 = 4700 pF Kemet multilayer ceramic chip capacitor (C0805C472K5RAC)
C4 = 6.8 pF DLI multilayer ceramic chip capacitor (C11AH7R5B5TXL)
C3 = C5 = 100 pF DLI multilayer ceramic chip capacitor (DC Block; C11AH101K5TXL)
L1 = 39 nH Coilcraft chip inductor (1008CS.390XMBB)
T1 = 0.19" of 50 ohm grounded coplanar waveguide (60 mil GETEK board)
TSSOP-16 Package
Dimensions in
millimeters
Dimensions in inches
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
1.05
1.10
1.20
0.041
0.043
0.047
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
—
1.00
1.05
—
0.039
0.041
b
0.20
0.25
0.28
0.008
0.010
0.011
C
—
0.127
—
—
0.005
—
D
4.90
5.075
5.10
0.193
0.200
0.201
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
—
0.65
—
—
0.025
—
L
0.50
0.60
0.70
0.020
0.024
0.028
L1
0.90
1.00
1.10
0.035
0.039
0.043
y
—
—
0.10
—
—
0.004
θ
0°
4°
8°
0°
4°
8°
NOTES:
1.
Controlling dimension: mm
2.
Lead frame material: EFTEC 64
3.
Dimension “D” does not include mold flash, protrusions or gate burrs
4.
Dimension “E” does not include interlead flash or protrusions
5.
Tolerance: ±0.254 mm (
±0.010″) unless otherwise specified
6.
End flash max: 0.12 mm (0.005
″)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com