Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0003 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0003
Description  PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0003 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0003 Datasheet HTML 1Page - Tyco Electronics MAAPSS0003 Datasheet HTML 2Page - Tyco Electronics MAAPSS0003 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 1.0
GND
GND
RFIN
GND
GND
GND
RFOUT
RFOUT
GND
GND
1
20
Bias Network
Functional Block Diagram
Ordering Information
Part Number
Package
MAAPSS0003
FQFP-N 4.0mm Plastic Package
MAAPSS0003TR
Forward Tape and Reel
1
MAAPSS0003RTR
Reverse Tape and Reel
1
1.
If specific reel size is required, consult factory for part number
assignment.
Features
• High Gain 2-stage HBT Amplifier
• Single Supply, 3V Operation
• 29dBm Linear Output Power
• High Efficiency
• Low Quiescent Current
• Operates in US and Korean PCS Bands
• Miniature FQFP-N 4mm Plastic Package
Description
M/A-COM’s MAAPSS0003 is a high power, high efficiency
linear power amplifier in a miniature FQFP-N 4mm plastic
package. The MAAPSS0003 includes a 2-stage amplifier and
bias control network. Analog signals control output power and
power-off for active and standby modes.
The MAAPSS0003 is ideally suited for TDMA and CDMA
handset applications where high linearity and low power
consumption are important transmitter requirements.
The
MAAPSS0003 is design to operate with the MD59-0062
Upconverter/Driver IC.
The MAAPSS0003 is fabricated using M/A-COM’s iHBT
HBT process. The process utilizes the InGaP/GaAs materials
system for reduced performance variation over temperature,
high reliability and improved manufacturability.
MAAPSS0003
PCS TDMA/CDMA Power Amplifier
1750 - 1910 MHz
1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
MHz
1850
1910
Small Signal Gain
POUT < 0 d:Bm
dB
27
Linear Output Power
At maximum ACPR Level
dBm
29
ACPR
1
dBc
-44
Efficiency
POUT = 29 dBm
%
32
Quiescent Current
mA
100
Noise Power in Rx Band
POUT < 29 dBm
dBm/Hz
-139
2
nd Harmonic Suppression
POUT < 29 dBm
dBc
-40
3
rd Harmonic Suppression
POUT < 29 dBm
dBc
-40
Input VSWR
2:1
Stability
No oscillations, any phase
5:a
Output Load Ruggedness VSWR
No damage, any phase
10:1
Linear Gain
POUT = 29 dBm
dB
26
Electrical Specifications: VCC = 3.4V, Vref = 3.0V, TA = +25°C
Preliminary
1. Per IS95: ACPR is defined as the ratio of the total power in a 1.228MHz bandwidth to the power within a 30KHz bandwidth measured at
±1.25MHz
offset from the carrier frequency.


Similar Part No. - MAAPSS0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MAAPSS0006RTR MACOM-MAAPSS0006RTR Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MAAPSS0006TR MACOM-MAAPSS0006TR Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
More results

Similar Description - MAAPSS0003

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
logo
Skyworks Solutions Inc.
RM807 SKYWORKS-RM807 Datasheet
544Kb / 14P
Power Amplifier Module for TDMA PCS (1850-1910 MHz)
RI23110 SKYWORKS-RI23110 Datasheet
732Kb / 22P
CDMA PCS 3-4 Volt Power Amplifier (1720-1910 MHz)
CX77112 SKYWORKS-CX77112 Datasheet
838Kb / 14P
PA Module for CDMA PCS (1850-1910 MHz)
logo
RF Micro Devices
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
logo
Skyworks Solutions Inc.
SKY77418 SKYWORKS-SKY77418 Datasheet
44Kb / 2P
LIPA Module for CDMA / PCS (1850-1910 MHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com