Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0003 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0003
Description  PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0003 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0003 Datasheet HTML 1Page - Tyco Electronics MAAPSS0003 Datasheet HTML 2Page - Tyco Electronics MAAPSS0003 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 1.0
RF IN
R1
C2
C6
C7
VCC
C1
C4
C3
C5
R2
R3
T1
T2
T3
VPD VMODE
L1
L2
C8
C9
C10
L3
1
20
Bias Network
RF OUT
3
PCS TDMA/CDMA Power Amplifier, 1750 - 1910 MHz
MAAPSS0003
Sample Board Schematic
Ref. Designation
Value
Purpose
C1
3.0 pF
RF Matching / DC Block
C2
2.7 pF
RF Matching
C3, C7
4.7 pF
RF Matching
C4
2.2 pF
RF Matching
C5
15 pF
DC Block
C8, C9
15 pF
RF Matching
C6
0.8 pF
RF Matching
C10
9.0 pF
RF Matching
L1, L2
15.0 nH
RF Choke
L3
8.2 nH
RF Choke
R1
TBD
Bias Adjust
R2
TBD
Bias Adjust
R3
TBD
Bias Adjust
T1
350 Mils
RF Matching
T2
40 Mils
RF Matching
T3
250 Mils
RF Matching
External Circuitry Parts List
1
1. Values of external elements not final.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com