Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0001 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAATSS0001
Description  Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0001 Datasheet(HTML) 1 Page - Tyco Electronics

  MAATSS0001 Datasheet HTML 1Page - Tyco Electronics MAATSS0001 Datasheet HTML 2Page - Tyco Electronics MAATSS0001 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Digital Attenuator, 5 Bit, 15.5 dB,
500 - 2500 MHz
V 3.00
Features
n
5 Bits, 0.5 dB Steps
n
Excellent Accuracy
n
Single Positive Control (+3 to +5V)
n
Small Low Cost QSOP-16 (SSOP-16) Package
Description
The M/A-COM MAATSS0001 is a 0.5 dB step GaAs
MMIC digital attenuator with 15.5 dB dynamic range in a
low cost QSOP-16 (SSOP-16) package. It requires external
DC blocking capacitors on the RF ports, positive supply
voltage and five individual bit control voltages. It is par-
ticularly suited where high attenuation accuracy, low inser-
tion loss and low intermodulation products are required.
Typical applications include base stations, wireless data,
and wireless local loop gain level control circuits.
The MAATSS0001 is fabricated using M/A-COM’s GaAs
1.0 micron process.
The process features full chip
passivation for increased performance and reliability.
Electrical Specifications: TA = 25 °C, Z0 = 50
Ω
Parameter
Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
—
0.5 - 1.8 GHz
1.8 - 2.2 GHz
2.2 - 2.5 GHz
dB
dB
dB
—
—
—
1.9
2.2
2.5
2.2
2.5
2.8
VSWR
Any State
0.5 - 2.5 GHz
Ratio
—
1.6:1
1.9:1
Accuracy
Any State
0.5 - 0.8 GHz
0.8 - 1.8 GHz
1.8 - 2.2 GHz
2.2 - 2.5 GHz
± (0.3 + 4% atten setting)
± (0.3 + 3% atten setting)
± (0.3 + 6% atten setting)
± (0.3 + 8% atten setting)
Step Change
Any State
0.5 - 1.8 GHz
1.8 - 2.2 GHz
2.2 - 2.5 GHz
dB
dB
dB
0.3
0.2
0.1
—
—
—
0.8
0.9
1.0
Attenuation Range
—
0.5 - 2.5 GHz
dB
14.0
15.0
—
1 dB Compression
Input Power
+3 V
+5 V
0.5 - 2.5 GHz
0.5 - 2.5 GHz
dBm
dBm
19
22
25
30
—
—
IP3
+3 V Two tones input power up to +5 dBm
+5 V Two tones input power up to +5 dBm
0.5 - 2.5 GHz
0.5 - 2.5 GHz
dBm
dBm
34
43
36
46
—
—
Trise, Tfall
10/90% or 90/10% RF
—
µS
—
2.14
—
Ton, Toff
50% CNTL to 90/10% RF
—
µS
—
2.14
—
Transients
In Band
—
mV
—
62
—
Control Voltages
+3 V
+5 V
—
—
µA
µA
—
—
—
—
40
40
Functional Schematic
0.5 dB
8 dB
1 dB
VC5
VC4
VC3
VC2
VC1
RFIN
RFOUT
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
0.5 - 2.5 GHz
+34 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C


Similar Part No. - MAATSS0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0001SMB MA-COM-MAATSS0001SMB Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0001TR MA-COM-MAATSS0001TR Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
More results

Similar Description - MAATSS0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com