Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0001 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAATSS0001
Description  Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0001 Datasheet(HTML) 3 Page - Tyco Electronics

  MAATSS0001 Datasheet HTML 1Page - Tyco Electronics MAATSS0001 Datasheet HTML 2Page - Tyco Electronics MAATSS0001 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0001
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
3
Typical Performance Curves
Attenuation Flatness vs. Frequency
Attenuation Flatness vs. Frequency
VSWR vs. Frequency
VSWR vs. Frequency
Insertion Loss vs. Frequency
Ordering Information
Part Number
Package
MAATSS0001
Bulk Packaging
MAATSS0001TR
Tape and Reel (1K Reel)
MAATSS0001-TB
Units Mounted on Test Board
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
Frequency (GHz)
4dB
0.5dB
1dB
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Frequency (GHz)
15.5dB
8dB
2dB
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Frequency (GHz)
2dB
0dB
1dB
0.5dB
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Frequency (GHz)
15.5dB
8dB
4dB
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
+85°C
-40°C
+25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com