Electronic Components Datasheet Search
  English  ▼

X  

BC856W Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # BC856W
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC856W Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  BC856W Datasheet HTML 1Page - KEC(Korea Electronics) BC856W Datasheet HTML 2Page - KEC(Korea Electronics) BC856W Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2008. 8. 29
3/3
BC856W/7W/8W
Revision No : 4
0
-0.1
-0.2
BASE-EMITTER VOLTAGE V
(V)
BE
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
I
- V
COLLECTOR-BASE VOLTAGE V
(V)
10
1
-1
-3
20
CB
-10
-30
C
- V
COLLECTOR CURRENT I
(mA)
-0.1
-0.3
-1
-3
C
h
- I
-4
-8
-12
-16
-20
-10
-20
-30
-40
-50
I
=-400
µA
B
I
=-350
µA
B
I
=-50
µA
B
I
=-100
µA
B
I
=-150
µA
B
I
=-200
µA
B
I
=-250
µA
B
I
=-300
µA
B
CBE
-0.4
-0.6
-0.8
-1.0
-0.3
-0.5
-1
-3
-5
-10
-30
-50
-100
V
=-5V
CE
FE
C
-10
-30
-100
10
30
50
100
300
500
1k
-1
COLLECTOR CURRENT I
(mA)
-0.1
-0.01
-0.03
-0.1
-0.3
-30
-3
-10
C
-100
-0.3
-1
V
, V
- I
BE(sat)
C
CE(sat)
-3
-10
I
/I
=20
C
B
VBE(sat)
VCE(sat)
ob
CB
-100
-200
3
5
f=1MHz
I
=0
E
V
=-5V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com