Electronic Components Datasheet Search
  English  ▼

X  

BC856W Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC856W
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC856W Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC856W Datasheet HTML 1Page - KEC(Korea Electronics) BC856W Datasheet HTML 2Page - KEC(Korea Electronics) BC856W Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2008. 8. 29
1/3
SEMICONDUCTOR
TECHNICAL DATA
BC856W/7W/8W
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION .
FEATURES
・For Complementary With NPN Type BC846W/847W/848W.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
A
B
D
E
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10
0.20
0.65
0.15+0.1/-0.06
1.30
0.00~0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
P0.1 MAX
+
_
+
_
+
_
+
_
+
_
P
1. EMITTER
2. BASE
3. COLLECTOR
MARK SPEC
TYPE
BC856W-A
BC856W-B
BC857W-A
BC857W-B
BC857W-C
BC858W-A
BC858W-B
BC858W-C
MARK
3A
3B
3E
3F
3G
3J
3K
3L
Type Name
Marking
Lot No.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
BC856W
VCBO
-80
V
BC857W
-50
BC858W
-30
Collector-Emitter
Voltage
BC856W
VCEO
-65
V
BC857W
-45
BC858W
-30
Emitter-Base Voltage
BC856W
VEBO
-5
V
BC857W
-5
BC858W
-5
Collector Current
IC
-100
mA
Emitter Current
IE
100
mA
Collector Power Dissipation
PC
100
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃


Similar Part No. - BC856W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856W PHILIPS-BC856W Datasheet
50Kb / 12P
PNP general purpose transistors
1999 Apr 12
logo
KEC(Korea Electronics)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC856W INFINEON-BC856W Datasheet
229Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results

Similar Description - BC856W

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com