Electronic Components Datasheet Search
  English  ▼

X  

RT1720GF Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT1720GF
Description  60V Hot Swap Controller with Fault Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1720GF Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT1720GF Datasheet HTML 9Page - Richtek Technology Corporation RT1720GF Datasheet HTML 10Page - Richtek Technology Corporation RT1720GF Datasheet HTML 11Page - Richtek Technology Corporation RT1720GF Datasheet HTML 12Page - Richtek Technology Corporation RT1720GF Datasheet HTML 13Page - Richtek Technology Corporation RT1720GF Datasheet HTML 14Page - Richtek Technology Corporation RT1720GF Datasheet HTML 15Page - Richtek Technology Corporation RT1720GF Datasheet HTML 16Page - Richtek Technology Corporation RT1720GF Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RT1720
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1720-00
November
2014
www.richtek.com
13
If the OV event is shorter than the TMR charge timing
then examine the MOSFET’s safe operating area (SOA)
graph, using VIN – VOUT for MOSFET drain to source
voltage and ILOAD(VOUT) for the drain current, to
determine if the over-voltage event will cause MOSFET
damage. It may be helpful to adjust CTMR to meet the
MOSFET’s SOA limits.
If the OV event lasts more than one TMR cycle then the
MOSFET will turn on and off, dissipating power each
time it is on and linear regulating and cooling down
when it is off. In this case, use one of the longer-timed
areas of the SOA graph but adjust the drain current
value by the 12% duty cycle of the MOSFET on periods
to determine if the MOSFET will work. For thermal
management, the MOSFET dissipation during long
over-voltage events is :
MOSFET(OV)
IN
OUT
LOAD(VOUT)
PD
= DC
V
- V
I

where DC is the duty cycle of linear regulation, typically
about 12%.
During an over-current (OC) event the MOSFET will
regulate the output current delivered to the load and
the output voltage will collapse to whatever voltage is
needed to sustain the OC threshold current. According
to the timing determined by the capacitor connected at
the TMR pin, the circuit will turn the load on and off
periodically until the over-current event ends. While
regulating the load current, the MOSFET will dissipate
power and heat up. Unlike an OV event, the output
voltage and the MOSFET’s drain-source voltage may
not be easily predicted. If the output is shorted the
voltage may collapse nearly to zero, placing the entire
input voltage across the MOSFET. Further, this type of
event is likely to continue for long periods. If the output
voltage during the OC event is not easily determined,
use zero for VOUT.
For the rare OC event that is short compared to the
TMR timing, examine the MOSFET’s safe operating
area (SOA) graph, using VIN – VOUT for MOSFET drain
to source voltage and your IOC_THRESHOLD for drain
current, to determine if the over-current event will
cause MOSFET damage.
If the OC event lasts more than one TMR cycle then the
MOSFET will turn on and off, dissipating power each
time it is on and cooling down when it is off. In this case,
use one of the longer timed areas of the SOA graph
(perhaps the DC area) but adjust the IOC_THRESHOLD
value by the 12% duty cycle of the MOSFET on periods
to determine if the MOSFET will work. For thermal
management, the MOSFET dissipation during long
over-current events is :
MOSFET(OV)
IN
OUT
OC_THRESHOLD
PD
= DC
V
- V
I

where DC is the duty cycle of current regulation,
typically about 12%.
Parallel MOSFETs
Select a single MOSFET for most applications. If the
RDS(ON) target is very low and difficult to achieve at the
necessary voltage rating, multiple devices may be used
in parallel. Parallel devices can decrease the voltage
drop in normal operation and reduce dissipation.
However, SOA requirements must generally be met by
a single device.
In OV and OC conditions, GATE will decrease until the
programmed output voltage or current is maintained. In
that state, the MOSFET with the lowest threshold will
carry more current than other parallel MOSFETs with
higher thresho
lds, perhaps dramatically more. It’s
generally best to assume that one device will be
subjected to the entire SOA stress.
Shutdown
The RT1720 enters a low current (7
A typical)
shutdown mode when the voltage at the
SHDN
̅̅̅̅̅̅̅̅̅ pin
goes below its 0.5V logic-low level. In shutdown all
functions
are
turned
off, including
the
auxiliary
amplifier.
For automatic start-
up, it’s recommended to connect
SHDN pin to
(1) A voltage between 3V and 45V through a 100k
resistor.
(2) A voltage higher than 45V through a resistor with
minimum value of the following formula,
RSHDN = [ VSHDN_max – 45V ] / 0.25mA
No external voltage clamp is needed since the pin
clamps the input voltage. If external board leakage is
kept below 1
A, the pin can be left open and an
internal current source will pull the pin voltage to about
2.5V.
SHDN
̅̅̅̅̅̅̅̅̅ may also be driven by a logic output to
turn the IC on and off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com