Electronic Components Datasheet Search
  English  ▼

X  

RT1720GF Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT1720GF
Description  60V Hot Swap Controller with Fault Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1720GF Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT1720GF Datasheet HTML 1Page - Richtek Technology Corporation RT1720GF Datasheet HTML 2Page - Richtek Technology Corporation RT1720GF Datasheet HTML 3Page - Richtek Technology Corporation RT1720GF Datasheet HTML 4Page - Richtek Technology Corporation RT1720GF Datasheet HTML 5Page - Richtek Technology Corporation RT1720GF Datasheet HTML 6Page - Richtek Technology Corporation RT1720GF Datasheet HTML 7Page - Richtek Technology Corporation RT1720GF Datasheet HTML 8Page - Richtek Technology Corporation RT1720GF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RT1720
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1720-00
November
2014
2
Ordering Information
RT1720
Package Type
F : MSOP-10
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for
use in
SnPb
or
Pb-free soldering
processes.
Marking Information
01=YM
DNN
01= : Product Code
YMDNN : Date Code
Pin Configurations
(TOP VIEW)
TMR
FLT
FB
SNS
GATE
GND
PGOOD
VCC
SHDN
VOUT
5
6
7
8
4
3
2
10
9
MSOP-10
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
FB
Voltage Regulator Feedback Input. Connect a resistive divider from output to FB to
GND to set the maximum output voltage and voltage regulation set-point.
2
VOUT
Output Voltage Connection. VOUT is the lower reference voltage for the GATE
charge pump.
3
GATE
N-MOSFET Gate Drive Output.
4
SNS
Current Sense Input. Connect a sense resistor from VCC to SNS to monitor the
current through the external N-MOSFET.
5
VCC
Positive Supply Voltage Input.
6
SHDN
̅̅̅̅̅̅̅̅
Shutdown Control Input.
7
FLT
̅̅̅̅̅̅̅
Open-Collector Fault Output.
8
PGOOD
Open-Collector Power Good Indicator.
9
GND
Ground.
10
TMR
Fault Timer Input. Connect a capacitor from TMR to GND to program the maximum
time the part is allowed to remain in voltage regulation or current regulation mode.
TMR capacitor with value greater than 0.47
F is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com