Electronic Components Datasheet Search
  English  ▼

X  

RT4532 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT4532
Description  High Efficiency Backlight LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT4532 Datasheet HTML 2Page - Richtek Technology Corporation RT4532 Datasheet HTML 3Page - Richtek Technology Corporation RT4532 Datasheet HTML 4Page - Richtek Technology Corporation RT4532 Datasheet HTML 5Page - Richtek Technology Corporation RT4532 Datasheet HTML 6Page - Richtek Technology Corporation RT4532 Datasheet HTML 7Page - Richtek Technology Corporation RT4532 Datasheet HTML 8Page - Richtek Technology Corporation RT4532 Datasheet HTML 9Page - Richtek Technology Corporation RT4532 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RT4532
www.richtek.com
DS4532-00 May 2015
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Timing Diagram
Power Sequence
PWM
EN
I(LED)
Reg0x04 = FF
As Reg Default
Reg0x04 =
00
Reg0x02 = C7
PWM Enable
I(MAX)
I(MIN)
0
Duty =50%
I(MAX)/2
Note : PWM prd : count by OSC : 17.6MegHz
> 1024 : Resolution = 7bits & < 1000 : Resolution = 8bits
Count 2^17
Clock
Count 2^17
Clock
0
Reg0x02<0> = 0
DEV_EN Disable
EN
VOUT
VIN
2.5V to 5.5V
L
3
RT4532
LX
10
8, 11 (Exposed Pad)
2
9
VIN
FB1
FB2 6
7
COUT
1µF
VOUT
10µH
CIN
10µF
PWM
1
SCL
4
SDA
5
Enable
GND
x 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com