Electronic Components Datasheet Search
  English  ▼

X  

RT4532 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT4532
Description  High Efficiency Backlight LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT4532 Datasheet HTML 4Page - Richtek Technology Corporation RT4532 Datasheet HTML 5Page - Richtek Technology Corporation RT4532 Datasheet HTML 6Page - Richtek Technology Corporation RT4532 Datasheet HTML 7Page - Richtek Technology Corporation RT4532 Datasheet HTML 8Page - Richtek Technology Corporation RT4532 Datasheet HTML 9Page - Richtek Technology Corporation RT4532 Datasheet HTML 10Page - Richtek Technology Corporation RT4532 Datasheet HTML 11Page - Richtek Technology Corporation RT4532 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
RT4532
DS4532-00 May 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Shutdown Current vs. Input Voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Typical Operating Characteristics
PWM Dimming Operation
0
5
10
15
20
25
30
35
40
45
0
20406080
100
Dimming Duty (%)
ILED = 40mA
VIN = 3.6V
ILED = 20mA
Switching Frequency vs. Input Voltage
1.00
1.03
1.06
1.09
1.12
1.15
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
CIN = 10
μF, COUT = 1μF, L = 10μH
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
CIN = 10
μF, COUT = 1μF, L = 10μH, ILED = 20mA
Efficiency vs. Linear Brightness Control
30
40
50
60
70
80
90
100
0
25
50
75 100 125 150 175 200 225 250 275
Linear Brightness Control (Step)
CIN = 10
μF, COUT = 1μF, L = 10μH
Quiescent Current vs. Input Voltage
0
200
400
600
800
1000
1200
1400
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Non-Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com