Electronic Components Datasheet Search
  English  ▼

X  

RT5047 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5047
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5047 Datasheet HTML 1Page - Richtek Technology Corporation RT5047 Datasheet HTML 2Page - Richtek Technology Corporation RT5047 Datasheet HTML 3Page - Richtek Technology Corporation RT5047 Datasheet HTML 4Page - Richtek Technology Corporation RT5047 Datasheet HTML 5Page - Richtek Technology Corporation RT5047 Datasheet HTML 6Page - Richtek Technology Corporation RT5047 Datasheet HTML 7Page - Richtek Technology Corporation RT5047 Datasheet HTML 8Page - Richtek Technology Corporation RT5047 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT5047
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047-00
March
2015
www.richtek.com
1
Single Output LNB Supply and Control Voltage Regulator
General Description
The RT5047 is a highly integrated voltage regulator
and interface IC, specifically design for supplying
power and control signals from advanced satellite
set-top box (STB) modules to the LNB down-converter
in the antenna dish or to the multi-switch box.
The device is consists of the independent current-mode
boost controller and low dropout linear regulator along
with the circuitry required for 22KHz tone shaping to
support DiSEqCTM1.x communications.
The
RT5047
has
fault
protection
(over-current,
over-temperature and under-voltage lockout).
The RT5047 are available in a SOP-8 (Exposed Pad)
package to achieve optimized solution for thermal
dissipation.
Ordering Information
RT5047
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for
use in
SnPb
or
Pb-free soldering
processes.
Features
Wide Input Supply Voltage Range : 8V to 16V
Output Current Limit of 550mA with 45ms timer
Low Noise LNB Output Voltage (13.3V and 18.3V
by SEL Pin)
3% High Accuracy for 0mA to 500mA Current
Output
Push-Pull Output Stage minimizes 13.3V to
18.3V and 18.3V to 13.3V Output Transition Time
External 22kHz Tone Input
Meet DiSEqC
TM1.x Protocol
Output Short Circuit Protection
Over-temperature Protection
Applications
LNB Power Supply and Control for Satellite Set-Top
Box
Analog and Digital Satellite Receivers/ Satellite TV,
Satellite PC cards
Pin Configurations
(TOP VIEW)
LNB
BOOST
LX
VIN
TONE
NC
EN
SEL
GND
2
3
4
5
6
7
8
9
SOP-8 (Exposed Pad)
Simplified Application Circuit
VIN
CBST
VIN
RT5047
L1
LX
SEL
TONE
GND
LNB
CLNB
Max. 550mA
CIN2
CIN1
BOOST
EN
VLNB
D1
D2
D4
D3


Similar Part No. - RT5047

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
902Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047AGSP RICHTEK-RT5047AGSP Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
More results

Similar Description - RT5047

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator
March 17, 2011
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
Single LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com