Electronic Components Datasheet Search
  English  ▼

X  

RT5047 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5047
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5047 Datasheet HTML 8Page - Richtek Technology Corporation RT5047 Datasheet HTML 9Page - Richtek Technology Corporation RT5047 Datasheet HTML 10Page - Richtek Technology Corporation RT5047 Datasheet HTML 11Page - Richtek Technology Corporation RT5047 Datasheet HTML 12Page - Richtek Technology Corporation RT5047 Datasheet HTML 13Page - Richtek Technology Corporation RT5047 Datasheet HTML 14Page - Richtek Technology Corporation RT5047 Datasheet HTML 15Page - Richtek Technology Corporation RT5047 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT5047
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047-00
March
2015
www.richtek.com
13
Table 1
SEL Pin Status
LNB Output Voltage
0
13.3V
1
18.3V
Tone Generation
The RT5047 provides the tone generation function, please refer to the Figure 2. Set the TONE pin with 22kHz logic
signal, the LNB linear regulator output will carry a 22kHz, 700mV peak to peak signal for DiSEqC 1.x communication.
It can meet base-band timings of 500
s (±100s) for a one-third bit PWK coded signal period on a nominal 22kHz
(±20 %).
TONE
signal
0V
3.3V
13.3V or
18.3V
700m
V
LNB
TONE signal
detect time
VLNB close
TONE after
TONE signal
detect time
VLNB output
TONE when
TONE signal
rise up
Figure 2. Tone Generation Options
Pull-Down Rate Control
The output linear stage provides approximately 40mA
of pull-down capability. This ensures that the output
volts are ramped from 18.3V to 13.3V in a reasonable
amount of time.
Over-Current Disable Time
If the LNB output current exceeds 550mA, typical, for
more than 45ms, then the LNB output will be disabled
and device enters a TON = 45ms/TOFF = 1800ms
routine. It will be returned to normal operation after a
successful soft-start process.
Inrush Current
At start-up or during a LNB reconfiguration event, a
transient surge current above the normal DC operating
level can be provided by the IC. This current increase
can be as high as 550mA, typical, for as long as
required, up to a maximum of 45ms.
OCP1=1000mA
25ms
OCP2=550mA
20ms
If loading is 1000mA
1800ms
OCP1=1000mA
25ms
OCP2=550mA
20ms
OCP1=250mA
25ms
OCP2=138mA
20ms
If LNB is shorted to GND
1800ms
OCP1=250mA
25ms
OCP2=138mA
20ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com