Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0006 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0006
Description  GaAs SP2T 2.5V High Power Switch DC - 3 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0006 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0006 Datasheet HTML 1Page - Tyco Electronics MASWSS0006 Datasheet HTML 2Page - Tyco Electronics MASWSS0006 Datasheet HTML 3Page - Tyco Electronics MASWSS0006 Datasheet HTML 4Page - Tyco Electronics MASWSS0006 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Low Voltage Operation 2.5V
• Low Harmonics > 65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss 0.45 dB at 1 GHz
• High Isolation 18.5 dB at 2 GHz
• Miniature SOT-26 Package
• 0.5 micron GaAs pHEMT Process
Description
M/A-COM’s MASWSS0006 is a GaAs PHEMT MMIC
single pole two throw (SP2T) high power switch in a low
cost miniature SOT-26 package. The MASWSS0006 is
ideally suited for applications where high power, low con-
trol voltage, low insertion loss, high isolation, small size
and low cost are required. Typical applications are for
GSM and DCS handset systems that connect separate
transmit and receive functions to a common antenna, as
well as other related handset and general purpose appli-
cations. This part can be used in all systems operating
up to 3 GHz requiring high power at low control voltage.
The MASWSS0006 is fabricated using a 0.5 micron gate
length GaAs PHEMT process. The process features full
passivation for performance and reliability.
GaAs SP2T 2.5V High Power Switch
DC - 3 GHz
PIN
No.
PIN Name
Description
1
RF1
RF Port 1
2
GND
RF Ground
3
RF2
RF Port 2
4
V1
Control 1
5
RFC
RF Common Port
6
V2
Control 2
Functional Schematic
Pin Configuration
Preliminary
Jan 17 2002
Parameter
Absolute
Maximum
Max Input Power (0.5 - 3 GHz,
2.5V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings 1
1. Exceeding any one or combination of these limits may
cause permanent damage.
PIN 1
39 pF
39 pF
39 pF
RFC
V1
PIN 6
RF1
GND
V2
RF2


Similar Part No. - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006SMB MA-COM-MASWSS0006SMB Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006TR MA-COM-MASWSS0006TR Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006TR-3000 MA-COM-MASWSS0006TR-3000 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0020 MACOM-MASWSS0020 Datasheet
261Kb / 5P
GaAs SP4T 2.5V High Power Switch DC - 3 GHz
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-106 MACOM-SW-106 Datasheet
105Kb / 3P
High Power GaAs SPDT Switch DC - 3 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW-007072-000100 MACOM-MASW-007072-000100 Datasheet
246Kb / 5P
GaAs SP2T Switch, Absorptive, Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW-009444 MA-COM-MASW-009444 Datasheet
82Kb / 4P
GaAs SP2T 1.8 V Switch DC - 6.0 GHz
MASW-009588 MA-COM-MASW-009588 Datasheet
260Kb / 4P
GaAs SP2T Switch
MASW-009588 MA-COM-MASW-009588_15 Datasheet
687Kb / 5P
GaAs SP2T Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com