Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0006 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASWSS0006
Description  GaAs SP2T 2.5V High Power Switch DC - 3 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0006 Datasheet(HTML) 5 Page - Tyco Electronics

  MASWSS0006 Datasheet HTML 1Page - Tyco Electronics MASWSS0006 Datasheet HTML 2Page - Tyco Electronics MASWSS0006 Datasheet HTML 3Page - Tyco Electronics MASWSS0006 Datasheet HTML 4Page - Tyco Electronics MASWSS0006 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GaAs SP2T 2.5V High Power Switch
MASWSS0006
Specifications subject to change without notice.
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
Handling Procedures
The following precautions should be observed to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are ESD sensitive
and can be damaged by static electricity. Proper ESD
techniques should be used when handling these devices.
5
Ordering Information
Part Number
Package
MASWSS0006
SOT-26 6-lead Plastic Package
MASWSS0006TR
1000 piece reel
MASWSS0006SMB
Sample Test Board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com