Electronic Components Datasheet Search
  English  ▼

X  

RT8238B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8238B
Description  Single Synchronous Buck PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8238B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8238B Datasheet HTML 1Page - Richtek Technology Corporation RT8238B Datasheet HTML 2Page - Richtek Technology Corporation RT8238B Datasheet HTML 3Page - Richtek Technology Corporation RT8238B Datasheet HTML 4Page - Richtek Technology Corporation RT8238B Datasheet HTML 5Page - Richtek Technology Corporation RT8238B Datasheet HTML 6Page - Richtek Technology Corporation RT8238B Datasheet HTML 7Page - Richtek Technology Corporation RT8238B Datasheet HTML 8Page - Richtek Technology Corporation RT8238B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8238B
®
DS8238B-00 July 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
Notebook Computers
CPU Core Supply
Chipset/RAM Supply as Low as 0.5V
Generic DC/DC Power Regulator
Single Synchronous Buck PWM Controller
Features
Built in 1% 0.5V Reference Voltage
Adjustable 0.5V to 3.3V Output Range
Quick Load Step Response within 100ns
4700ppm/
°°°°°C Programmable Current Limit by Low
Side RDS(ON) Sensing
4.5V to 26V Battery Input Range
Resistor Programmable Frequency
Internal Ramp Current Limit Soft-Start Control
Drives Large Synchronous Rectifier FETs
Integrated Boost Switch
Over/Under Voltage Protection
Thermal Shutdown
Power Good Indicator
RoHS Compliant and Halogen Free
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WQFN-12L 2x2
General Description
The RT8238B PWM controller provides high efficiency,
excellent transient response, and high DC output accuracy
needed for stepping down high voltage batteries to
generate low voltage CPU core, I/O, and chipset RAM
supplies in notebook computers.
The constant on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides 100ns
“instant-on” response to load transients while maintaining
a relatively constant switching frequency.
The RT8238B achieves high efficiency at a reduced cost
by eliminating the current sense resistor found in
traditional current mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs and enter diode emulation mode at
light load condition. The Audio Skipping Mode (ASM)
setting maintains the switching frequency above 25kHz,
which eliminates noise in audio applications. The buck
conversion allows this device to directly step down high
voltage batteries at the highest possible efficiency. The
RT8238B is intended for CPU core, chipset, DRAM, or
other low voltage supplies as low as 0.5V. The RT8238B
is available in a WQFN-12L 2x2 package.
LGATE
PGOOD
UGATE
PHASE
MODE
EN
6
5
4
12
10
11
1
2
3
9
8
7
GND
13
RT8238B
Package Type
QW : WQFN-12L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Marking Information
3Y : Product Code
W : Date Code
3YW


Similar Part No. - RT8238B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8230A RICHTEK-RT8230A Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8231B RICHTEK-RT8231B Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8237E RICHTEK-RT8237E Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8237EZQW RICHTEK-RT8237EZQW Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results

Similar Description - RT8238B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
Single Synchronous Buck PWM Controller
October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com