Electronic Components Datasheet Search
  English  ▼

X  

RT8274 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8274
Description  The RT8274 is a high voltage buck converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8274 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8274 Datasheet HTML 1Page - Richtek Technology Corporation RT8274 Datasheet HTML 2Page - Richtek Technology Corporation RT8274 Datasheet HTML 3Page - Richtek Technology Corporation RT8274 Datasheet HTML 4Page - Richtek Technology Corporation RT8274 Datasheet HTML 5Page - Richtek Technology Corporation RT8274 Datasheet HTML 6Page - Richtek Technology Corporation RT8274 Datasheet HTML 7Page - Richtek Technology Corporation RT8274 Datasheet HTML 8Page - Richtek Technology Corporation RT8274 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT8274
4
DS8274-01 March 2011
www.richtek.com
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a high effective four layers thermal conductivity test board of
JEDEC 51-7 thermal measurement standard. The case position of
θJC is on the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VFB
4.75V
≤ VIN ≤ 24V
1.184
1.222
1.258
V
High Side Switch-On Resistance
RDS(ON)1
--
0.1
0.16
Ω
Low Side Switch-On Resistance
RDS(ON)2
--
10
--
Ω
Switch Leakage
VEN = 0V, VSW = 0V
--
--
10
μA
Current Limit
ILIM
Duty = 90%; VBOOT−SW = 4.8V
3.6
4.4
5.2
A
Current Sense Transconductance
GCS
Output Current to VCOMP
--
4
--
A/V
Error Amplifier Tansconductance
gm
ΔIC = ±10μA
--
930
--
μA/V
Oscillator Frequency
fSW
340
400
460
kHz
Short Circuit Oscillation Frequency
VFB = 0V
--
120
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
--
90
--
%
Minimum On-Time
tON
--
100
--
ns
Under Voltage Lockout Threshold
Rising
3.8
4.2
4.5
V
Under Voltage Lockout Threshold
Hysteresis
--
300
--
mV
Logic-High
VIH
1.4
--
--
V
EN Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Enable Pull Up Current
0.5
1
2
μA
Shutdown Current
ISHDN
VEN = 0V
--
25
--
μA
Quiescent Current
IQ
VEN = 2V, VFB = 1.5V
--
0.8
1
mA
Soft-Start Current
ISS
--
10
--
μA
Soft-Start Period
CSS = 0.1μF
--
10
--
ms
Thermal Shutdown
TSD
--
150
--
°C
(VIN = 12V, TA = 25
°C unless otherwise specified)
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com