Electronic Components Datasheet Search
  English  ▼

X  

RT8274 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8274
Description  The RT8274 is a high voltage buck converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8274 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8274 Datasheet HTML 1Page - Richtek Technology Corporation RT8274 Datasheet HTML 2Page - Richtek Technology Corporation RT8274 Datasheet HTML 3Page - Richtek Technology Corporation RT8274 Datasheet HTML 4Page - Richtek Technology Corporation RT8274 Datasheet HTML 5Page - Richtek Technology Corporation RT8274 Datasheet HTML 6Page - Richtek Technology Corporation RT8274 Datasheet HTML 7Page - Richtek Technology Corporation RT8274 Datasheet HTML 8Page - Richtek Technology Corporation RT8274 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT8274
5
DS8274-01 March 2011
www.richtek.com
Frequency vs. Temperature
340
350
360
370
380
390
400
410
420
-50
-25
0
255075
100
125
Temperature (°C)
Frequency vs. Input Voltage
340
350
360
370
380
390
400
410
420
4
6
8
101214
1618202224
Input Voltage (V)
Output Voltage vs. Temperature
3.200
3.225
3.250
3.275
3.300
3.325
3.350
3.375
3.400
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Voltage vs. Output Current
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
3.325
00.5
11.5
22.5
3
Output Current (A)
Reference Voltage vs. Input Voltage
1.210
1.212
1.214
1.216
1.218
1.220
1.222
1.224
1.226
1.228
1.230
4
6
8
1012
14161820
2224
Input Voltage (V)
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Output Current (A)
Typical Operating Characteristics
VIN = 12V
VIN = 24V
VOUT = 3.3V
VIN = 4.75V
VOUT = 3.3V, IOUT = 0A
VIN = 12V, IOUT = 0A
VIN = 12V
VIN = 24V
VOUT = 3.3V, IOUT = 0.3A
VOUT = 3.3V, IOUT = 0.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com