Electronic Components Datasheet Search
  English  ▼

X  

RT9046 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9046
Description  Low-Dropout Linear Regulator Controller with PGOOD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9046 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9046 Datasheet HTML 1Page - Richtek Technology Corporation RT9046 Datasheet HTML 2Page - Richtek Technology Corporation RT9046 Datasheet HTML 3Page - Richtek Technology Corporation RT9046 Datasheet HTML 4Page - Richtek Technology Corporation RT9046 Datasheet HTML 5Page - Richtek Technology Corporation RT9046 Datasheet HTML 6Page - Richtek Technology Corporation RT9046 Datasheet HTML 7Page - Richtek Technology Corporation RT9046 Datasheet HTML 8Page - Richtek Technology Corporation RT9046 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9046
1
DS9046-01 April 2011
www.richtek.com
Low-Dropout Linear Regulator Controller with PGOOD
Indication
Ordering Information
Typical Application Circuit
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Function Block Diagram
Pin Configurations
(TOP VIEW)
SOT-23-6
EN GND FB
VCC DRI PGOOD
4
23
5
6
General Description
The RT9046 is a low-dropout voltage regulator controller
designed specifically for use with an external N-MOSFET
for various applications. The controller features a 2%
reference, a high current driver capability of driving a high
current/low RDS(ON) N-MOSFET, programmable output
voltage, a power monitor with a 0.6ms delay, internal soft-
start function, under voltage protection, and chip enable
for power conservation. The device is also useful in other
high current applications. The RT9046 is available in a
small footprint package of SOT-23-6.
Features
Programmable Output Voltage
High Current Driver for High Current FET
High Accuracy
±±±±±2% Voltage Reference
Quick Line and Load Transient Response
Power Good Monitor with Output Delay
Internal Soft-Start Function to Reduce Inrush Current
Enable Control and Under Voltage Protection
Small Footprint Package SOT-23-6
RoHS Compliant and Halogen Free
Applications
Large-scale, Telecom Blade Systems
Large-scale, Mass Storage Blade Systems
High Current Systems Requiring Sequencing
High Current Systems Requiring Power Management
+
-
Reference
Voltage
0.5V
0.45V
0.6ms
Delay
EN
DRI
FB
VCC
PGOOD
GND
Driver
VCC
VIN
PGOOD
VOUT
COUT
CIN
CCC
RPGOOD
R1
R2
Q1
VCC
DRI
PGOOD
RT9046
4
5
6
VOUT = 0.5x[(R1+R2)/R2]
EN
GND
FB
1
2
3
Chip Enable
RT9046
Package Type
E : SOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9046

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
The RT9045A is a simple
RT9045GSP RICHTEK-RT9045GSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045ZSP RICHTEK-RT9045ZSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
More results

Similar Description - RT9046

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9024 RICHTEK-RT9024 Datasheet
217Kb / 9P
Low-Dropout Linear Regulator Controller with PGOOD Indication
RT9194 RICHTEK-RT9194 Datasheet
222Kb / 10P
Low-Dropout Linear Regulator Controller with PGOOD Indication
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610 Datasheet
271Kb / 17P
Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP102 ONSEMI-NCP102 Datasheet
106Kb / 9P
Low Dropout Linear Regulator Controller
January, 2008 - Rev. 1
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
Low Dropout Linear Regulator Controller with Soft-Start
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610_11 Datasheet
278Kb / 17P
Low Dropout Linear Regulator Controller
APL5611 ANPEC-APL5611 Datasheet
260Kb / 16P
Low Dropout Linear Regulator Controller
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
Controller for Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com