Electronic Components Datasheet Search
  English  ▼

X  

RT9046 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9046
Description  Low-Dropout Linear Regulator Controller with PGOOD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9046 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9046 Datasheet HTML 1Page - Richtek Technology Corporation RT9046 Datasheet HTML 2Page - Richtek Technology Corporation RT9046 Datasheet HTML 3Page - Richtek Technology Corporation RT9046 Datasheet HTML 4Page - Richtek Technology Corporation RT9046 Datasheet HTML 5Page - Richtek Technology Corporation RT9046 Datasheet HTML 6Page - Richtek Technology Corporation RT9046 Datasheet HTML 7Page - Richtek Technology Corporation RT9046 Datasheet HTML 8Page - Richtek Technology Corporation RT9046 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9046
2
DS9046-01 April 2011
www.richtek.com
Test Circuit
Figure 1. Typical Test Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN
Chip Enable (Active High).
2
GND
Ground.
3
FB
Output Voltage Feedback.
4
PGOOD
Power Good Open Drain Output.
5
DRI
Driver Output.
6
VCC
Power Supply Input.
Figure 2. DRI Source/Sink Current Test Circuit
VIN
PGOOD
VOUT
R1
R2
Q1
EN
GND
FB
VCC
DRI
PGOOD
RT9046
1k
2k
PHD3055
Chip Enable
VOUT = 0.5x[(R1+R2)/R2]
RPGOOD
100k
CCC
1µF
VCC
12V
CIN
100µF
COUT
100µF
VCC
CCC
VDRI
CFB
A
EN
GND
FB
VCC
DRI
PGOOD
RT9046
Chip Enable
1µF
12V
5V
VFB
VFB = 0.7V for current sink at DRI
VFB = 0.3V for current source at DRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com