Electronic Components Datasheet Search
  English  ▼

X  

MRF1000MB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF1000MB
Description  MICROWAVE POWER TRANSISTORS NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1000MB Datasheet(HTML) 3 Page - Tyco Electronics

  MRF1000MB Datasheet HTML 1Page - Tyco Electronics MRF1000MB Datasheet HTML 2Page - Tyco Electronics MRF1000MB Datasheet HTML 3Page - Tyco Electronics MRF1000MB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
f
S11
S21
S12
S22
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
950
1000
1050
1100
1150
1200
1250
0.77
0.78
0.77
0.77
0.78
0.78
0.78
166
165
163
162
161
159
158
2.42
2.36
2.31
2.31
2.20
2.20
2.12
40
38
33
28
23
19
12
0.016
0.016
0.016
0.016
0.015
0.016
0.016
42
48
46
46
46
47
42
0.48
0.50
0.51
0.54
0.57
0.59
0.61
–87
–90
–94
–97
–100
–103
–106
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. DC Safe Operating Area
Figure 5. Power Gain versus Frequency
Figure 6. Common–Emitter S–Parameters and Series Equivalent Input/Output Impedances
S–PARAMETERS — VCE = 18 Vdc, IC = 100 mAdc, Class A
f
MHz
Zin
Ohms
ZOL*
Ohms
960
1090
1215
3.0 + j9.0
3.2 + j10
2.8 + j12
16 – j40
8.5 – j31
7.0 – j26
SERIES EQUIVALENT IMPEDANCES
Pout = 0.5 W, VCE = 18 Vdc,
ICQ = 10 mAdc, Class AB
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage, and frequency.
0.8
1
0.6
0.4
0.2
0
100
80
60
40
20
0
Pin, INPUT POWER (mW)
f = 1090 MHz
CLASS A
IC = 100 mA
VCE = 18 V
CLASS AB
ICQ = 10 mA
VCE = 18 V
0.8
1
0.6
0.4
0.2
0
960
f, FREQUENCY (MHz)
1090
1215
CLASS A
Pin = 20 mW
IC = 100 mA
VCE = 18 V
1
1
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.5
0.2
0.1
0.05
0.02
0.01
2
5
10
20
50
100
CLASS A BIAS POINT
14
960
f, FREQUENCY (MHz)
1090
1215
13
12
11
10
CLASS A
Pout = 200 mW
IC = 100 mA
VCE = 18 V
CLASS AB
Pout = 500 mW
ICQ = 10 mA
VCE = 18 V
25
50
150
250 500
10
+j50
+j100
+j150
+j250
+j500
-j500
-j250
-j150
-j100
-j50
-j25
-j10
0
+j10
+j25
Zin
1215
100
960
1090
1250
1100
950
S11
950
S22
1100
1250
960
1090
1215
ZOL*
COORDINATES IN OHMS
CLASS A
Pin = 60 mW
ICQ = 10 mA
VCE = 18 V
3
Replaces MRF1000MA/D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com