Electronic Components Datasheet Search
  English  ▼

X  

MRF1004MB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF1004MB
Description  MICROWAVE POWER TRANSISTORS NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1004MB Datasheet(HTML) 1 Page - Tyco Electronics

  MRF1004MB Datasheet HTML 1Page - Tyco Electronics MRF1004MB Datasheet HTML 2Page - Tyco Electronics MRF1004MB Datasheet HTML 3Page - Tyco Electronics MRF1004MB Datasheet HTML 4Page - Tyco Electronics MRF1004MB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The RF Line
Microwave Pulse
Power Transistors
Designed for Class B and C common base amplifier applications in short and
long pulse TACAN, IFF, DME, and radar transmitters.
• Guaranteed Performance @ 1090 MHz, 35 Vdc
Output Power = 4.0 Watts Peak
Minimum Gain = 10 dB
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Industry Standard Package
• Nitride Passivated
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to
Metal Migration
• Internal Input Matching for Broadband Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
20
Vdc
Collector–Base Voltage
VCBO
50
Vdc
Emitter–Base Voltage
VEBO
3.5
Vdc
Collector Current — Continuous
IC
250
mAdc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25
°C
PD
7.0
40
Watts
mW/
°C
Storage Temperature Range
Tstg
–65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case (2)
RθJC
25
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 5.0 mAdc, IB = 0)
V(BR)CEO
20
—
—
Vdc
Collector–Emitter Breakdown Voltage
(IC = 5.0 mAdc, VBE = 0)
V(BR)CES
50
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 5.0 mAdc, IE = 0)
V(BR)CBO
50
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 1.0 mAdc, IC = 0)
V(BR)EBO
3.5
—
—
Vdc
Collector Cutoff Current
(VCB = 35 Vdc, IE = 0)
ICBO
—
—
0.5
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 75 mAdc, VCE = 5.0 Vdc)
hFE
10
—
100
—
NOTES:
(continued)
1. These devices are designed for RF operation. The total device dissipation rating applies only when the device is operated as RF amplifiers.
2. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques.
MRF1004MB
4.0 W, 960–1215 MHz
MICROWAVE POWER
TRANSISTORS
NPN SILICON
CASE 332A–03, STYLE 1
Order this document
by MRF1004MB/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 8


Similar Part No. - MRF1004MB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 4.0W (peak), 960-1215MHz
logo
Advanced Semiconductor
MRF1004MB ASI-MRF1004MB Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1004MB MA-COM-MRF1004MB_15 Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1004MB MA-COM-MRF1004MB_17 Datasheet
576Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF1004MB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LBE2003S PHILIPS-LBE2003S Datasheet
126Kb / 16P
NPN microwave power transistors
1997 Mar 03
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
NPN microwave power transistors
1997 Feb 19
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
NPN microwave power transistors
1997 Feb 18
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
NPN microwave power transistors
1997 Feb 19
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
NPN microwave power transistors
1997 Feb 14
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
MICROWAVE POWER TRANSISTORS NPN SILICON
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
NPN Silicon Microwave Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com