Electronic Components Datasheet Search
  English  ▼

X  

MRF1004MB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF1004MB
Description  MICROWAVE POWER TRANSISTORS NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1004MB Datasheet(HTML) 3 Page - Tyco Electronics

  MRF1004MB Datasheet HTML 1Page - Tyco Electronics MRF1004MB Datasheet HTML 2Page - Tyco Electronics MRF1004MB Datasheet HTML 3Page - Tyco Electronics MRF1004MB Datasheet HTML 4Page - Tyco Electronics MRF1004MB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL CHARACTERISTICS
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
Figure 6. Series Equivalent Input/Output Impedance
f
MHz
Zin
Ohms
ZOL* (Pin = 400 mW pk)
Ohms
960
1090
1215
5.0 + j17.5
10 + j23
16 + j29.5
23.5 – j26
18.5 – j25
15.5 – j23.5
ZOL* = Conjugate of the optimum load impedance into which the device
ZOL* = output operates at a given output power, voltage, and frequency.
ZOL* (Pout = 4.0 W pk)
Ohms
22.5 – j36
15 – j32.5
11 – j23
150
Pin, INPUT POWER (mW pk)
6.5
1.215 GHz
VCC = 35 V
tP = 10 µs
D = 1%
5.5
4.5
3.5
2.5
250
350
450
550
650
960
8
f, FREQUENCY (MHz)
1090
1215
Pin = 650 mW pk
400 mW pk
VCC = 35 V
tP = 10 µs
D = 1%
VCC, SUPPLY VOLTAGE (V)
20
25
30
35
Pin = 400 mW pk
tP = 10 µs
D = 1%
f = 1090 MHz
7
6
5
4
5
4
3
960
16
f, FREQUENCY (MHz)
1090
1215
14
12
10
8
Pout = 4 W pk
VCC = 35 V
tP = 10 µs
D = 1%
+j50
+j100
+j150
+j250
+j500
-j500
-j250
-j150
-j100
-j50
-j25
-j10
0
+j10
+j25
Zin
25
50
100 150
250 500
10
1090
1215
ZOL* (Pout = 4 W pk)
1090
1215
1215
ZOL* (Pin = 650 mW pk)
1090
COORDINATES IN OHMS
1.09 GHz
f = 0.96 GHz
f = 960 MHz
f = 960 MHz
f = 960 MHz
3
REV 8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com