Electronic Components Datasheet Search
  English  ▼

X  

MRF1035 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF1035
Description  MICROWAVE POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1035 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF1035 Datasheet HTML 1Page - Tyco Electronics MRF1035 Datasheet HTML 2Page - Tyco Electronics MRF1035 Datasheet HTML 3Page - Tyco Electronics MRF1035 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = 60 mAdc, VBE = 0)
V(BR)CES
65
—
—
Vdc
Collector–Base Breakdown Voltage (IC = 60 mAdc, IE = 0)
V(BR)CBO
65
—
—
Vdc
Emitter–Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
3.5
—
—
Vdc
Collector Cutoff Current (VCB = 36 Vdc, IE = 0)
ICBO
—
—
25
mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 5.0 Adc, VCE = 5.0 Vdc)
hFE
20
—
—
—
FUNCTIONAL TESTS
Common–Base Amplifier Power Gain
(VCC = 50 Vdc, Pout = 350 W Peak, f = 1090 MHz)
GPB
8.5
9.0
—
dB
Collector Efficiency
(VCC = 50 Vdc, Pout = 350 W Peak, f = 1090 MHz)
η
40
—
—
%
Load Mismatch
(VCC = 50 Vdc, Pout = 350 W Peak, f = 1090 MHz,
VSWR = 10:1 All Phase Angles)
ψ
No Degradation in Output Power
Figure 1. Test Circuit
RF INPUT
RF OUTPUT
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
C2
C3
C4
+
+
-
C1
L1
D.U.T.
C1 — 75 pF 100 Mil Chip Capacitor
C2 — 39 pF 100 Mil Chip Capacitor
C3 — 0.1
µF
C4 — 100
µF, 100 Vdc, Electrolytic
L1 — 3 Turns #18 AWG, 1/8
″ ID, 0.18 Long
Z1–Z9 — Microstrip, See Details
Board Material — Teflon, Glass Laminate
Dielectric Thickness = 0.030
″
εr = 2.55, 2 Oz. Copper
.083
.170
.838
.130
.395
.394
.616
.402
1.518 .571
.594 1.685
.589
.573
.094
.095
.364
.258 .170
.278
.159
.803
.396
.083
.156
.382
.160
.100
2
REV 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com